Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 58 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 58 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 62Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
58
2004/8/19
(V1.6)
WDT disabled
Low clock current
(GREEN mode)
ISB2
CLK=32.768KHz,All analog
circuit disable , All input and
I/O pin at VDD, output pin
floating,
WDT
disabled,
LCD disable
35
50
µA
Operating supply current
(NORMAL mode)
ICC
/RESET=High, PLL enable
CLK=3.579MHz, output pin
floating, LCD disable, all
analog circuit disable
2.8
3.5
mA
Tone
generator
reference
voltage
Vref2
0.5
0.7
VDD
Differential Energy Detector (DED) (Ta=25
°C, VDD=5.0V±5%, VSS=0V)
Symbol
Parameter
Condition
Min
Typ
Max Unit
EGIN1
Operating current for SED
SEDCLK bit = 0
20
25
A
µ
EGIN2
Operating current for SED
SEDCLK bit = 0
20
25
A
µ
Embedded LCD driver
Symbol
Parameter
Condition
Min
Typ
Max Unit
Ron
LCD driver ON resistance
LCD function enable
2
4
k
1/24 duty
88
Hz
FM
f
LCD frame frequency
1/16 , 1/32 duty
64
Hz
DCC
I
Dynamic current consumption Charge pump x 2 , no load
60
65
A
µ
OUT
V
Voltage converter output
Charge pump x 2 , no load
95
97
%
Weak mode
75
A
µ
Normal mode
150
A
µ
Strong mode
300
A
µ
driver
I
LCD driver current
Double strong mode
600
A
µ
X. AC Electrical Characteristic
CPU instruction timing (Ta=25
°C, VDD=5V, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input CLK duty cycle
Dclk
45
50
55
%
Instruction cycle time
Tins
32.768kHz
3.579MHz
60
550
us
ns
Device delay hold time
Tdrh
16
ms
TCC input period
Ttcc
Note 1
(Tins+20)/N
ns
Watchdog timer period
Twdt
Ta = 25
°C
16
ms
Note 1: N= selected prescaler ratio.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com