![]() |
Electronic Components Datasheet Search |
|
EM78P813BQ Datasheet(PDF) 57 Page - ELAN Microelectronics Corp |
|
|
EM78P813BQ Datasheet(HTML) 57 Page - ELAN Microelectronics Corp |
57 / 65 page ![]() EM78P813 8-bit OTP Micro-controller __________________________________________________________________________________________________________________________________________________________________ * This specification is subject to change without notice. 57 2004/8/19 (V1.6) VIII. Absolute Operation Maximum Ratings RATING SYMBOL Min Typ Max Unit DC SUPPLY VOLTAGE VDD -0.3 6 V INPUT VOLTAGE Vin VDD-0.5 VDD VDD+0.5 V OPERATING TEMPERATURE RANGE Ta 0 25 70 ℃ IX. DC Electrical Characteristic (Operation current consumption for Analog circuit) Parameter Symbol Condition Min Typ Max Unit Operation current for FSK I_FSK VDD=5V, CID power on 2.5 4 mA VDD=3V, CID power on 2.0 3.5 Operation current for CW I_CW VDD=5V, CID power on 2.5 4 mA VDD=5V, CID power on 2.0 3.5 Operation current for DTMF I_DR VDD=3V, DTMFr power on 2.5 4.0 mA Receiver VDD=3V, DTMFr power on 2.0 3.5 Operation current for TONE I_DTMF VDD=5V, DTMF power on 0.9 1.2 mA generator VDD=3V, DTMF power on 0.5 0.8 Current DA output current I_DA VDD=5V, CDA power on 2.5 4 mA VDD=3V, CDA power on 2.0 3.5 Operation current for OP I_OP VDD=5V, PT power on 0.17 mA VDD=3V, PT power on 0.1 Operation current for I_CMP VDD=5V, PT power on 0.15 0.3 mA Comparator VDD=3V, PT power on 0.13 0.2 (Ta=25 °C, VDD=5V±5%, VSS=0V) Parameter Symbol Condition Min Typ Max Unit Input Leakage Current for input pins IIL1 VIN = VDD, VSS ±1 µA Input Leakage Current for bi-directional pins IIL2 VIN = VDD, VSS ±1 µA Input High Voltage VIH 2.0 V Input Low Voltage VIL 0.8 V Input high threshold Voltage VIHT /RESET, TCC, RDET1 2.0 V Input low threshold Voltage VILT /RESET, TCC,RDET1 0.8 V Clock Input High Voltage VIHX OSCI 1.8 V Clock Input Low Voltage VILX OSCI 1.2 V Output High Voltage (port 8,9,B,C,D) VOH1 IOH = -6mA 2.0 2.4 V (port6,7,D) IOH = -10.0mA 2.0 2.4 V Output Low Voltage (port 8,9,B,C,D) VOL1 IOL = 6mA 0.4 V (port6,7) IOL = 10.0mA 0.4 V Pull-high current IPH Pull-high active input pin at VSS -10 -15 µA Power down current (SLEEP mode) ISB1 All input and I/O pin at VDD, output pin floating, 1 4 µA |
Similar Part No. - EM78P813BQ |
|
Similar Description - EM78P813BQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |