Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
56
2004/8/19
(V1.6)
VII.11 Differential Energy Detector (DED)
DED
DEDD
EGIN1
DEDTHD
DEDPWR
EGCLK
EGIN2
Fig.34
DED Block diagram
The Differential Energy Detector is differential input level and zero crossing detector named as DED. It can
detect any incoming AC signal above its threshold level and output corresponding zero-crossing frequency pulse. For
this energy detector, the user can set it’s minimum detection threshold level at –35dBm or –45dBm by DEDTHD bit.
All the minimum detection value can be achieved under input capacitor more than 4700pF and input resistor around
100k ohms. The energy detector has power control by IOCE PAGE1 bit 1 (DEDPWR).
Register bits of Energy Detector :
Register bits
Descriptions
RE PAGE0 bit 3 (DED)
DED : Interrupt flag of DED output data
RE PAGE1 bit 7 (DEDD) DEDD : Output data of DED
IOCE PAGE1
Bit 5 (EDGE)
EDGE : edge control of DED output data
1/0 => Falling edge trig. / Rising edge and Falling edge trig.
IOCE PAGE1
Bit 4 (WUEDD)
WUEDD : Wake-up control of DED output data
1/0 => enable/disable
IOCE PAGE1
Bit 6 (DED)
DED : Interrupt mask of DED output data
1/0
enable/disable interrupt of DED output data
IOCE PAGE1
Bit 0 (DEDTHD)
DEDTHD : Minimum detection threshold of DED
0/1
-45dBm/-35dBm
IOCE PAGE1
Bit 1 (DEDPWR)
DEDPWR : Power control of DED
0/1
power off/power on
IOCE PAGE1
Bit 2 (DEDCLK)
DEDCLK : operating clock of DED
0 : low frequency clock
1 : high frequency clock


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com