Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 54 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 54 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 58Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
54
2004/8/19
(V1.6)
VII.9 CODE Option Register
The controller has one CODE option register which is not part of the normal program memory. The option bits cannot be
accessed during normal program execution.
CODE Option Register1 ( Program ROM)
7
6
5
4
3
2
1
0
-
CWMODE
/DED
/PTB
Bit 0(/PTB) : Program ROM data protect bit.
0/1
protect / unprotect
When user clear this bit to 0, another person will unable read the originally program code from program ROM.
Bit 1(/DED) : enable/disable DED function.
0
enable DED function
1
disable DED function
Bit 2(CWMODE) : CAS tone (2130 Hz plus 2750 Hz ) accepted frequency range select.
0
± 2% Call waiting accepted frequency range deviation.(Application for China protocol :
± 1.5% )
1
± 1.2% Call waiting accepted frequency range deviation.(Application for Europe and USA protocol : ± 0.5% )
CODE Option Register2 ( Data ROM)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
/DTB
Bit 0(PTB) : Data ROM data protect bit.
0/1
protect / unprotect
When user clear this bit to 0, another person will unable read the originally program code from data ROM.
Bit 1~Bit 7 : Unused
PAD Option
/POVD(power on voltage detect) reset can be enabled/disabled by PAD Option. This POVD pad is not shown on the pin
assignment. Internally or externally connecting this pad to GND/VDD to enable/disable /POVD reset.
/POVD
2.2V /POVD reset voltage
2.2V Power on reset voltage
Sleep mode current (VDD=5V)
1
No
Yes (2.2V)
1uA
0
Yes (2.2V)
No
15uA


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com