Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
53
2004/8/19
(V1.6)
0
0110
00rr
rrrr
06rr
RRCA R
R(n)
→ A(n-1)
R(0)
→ C, C → A(7)
C
1
0
0110
01rr
rrrr
06rr
RRC R
R(n)
→ R(n-1)
R(0)
→ C, C → R(7)
C
1
0
0110
10rr
rrrr
06rr
RLCA R
R(n)
→ A(n+1)
R(7)
→ C, C → A(0)
C
1
0
0110
11rr
rrrr
06rr
RLC R
R(n)
→ R(n+1)
R(7)
→ C, C → R(0)
C
1
0
0111
00rr
rrrr
07rr
SWAPA R
R(0-3)
→ A(4-7)
R(4-7)
→ A(0-3)
None
1
0
0111
01rr
rrrr
07rr
SWAP R
R(0-3)
↔ R(4-7)
None
1
0
0111
10rr
rrrr
07rr
JZA R
R+1
→ A, skip if zero
None
2 if skip
0
0111
11rr
rrrr
07rr
JZ R
R+1
→ R, skip if zero
None
2 if skip
0
100b
bbrr
rrrr
0xxx
BC R,b
0
→ R(b)
None
1
0
101b
bbrr
rrrr
0xxx
BS R,b
1
→ R(b)
None
1
0
110b
bbrr
rrrr
0xxx
JBC R,b
if R(b)=0, skip
None
2 if skip
0
111b
bbrr
rrrr
0xxx
JBS R,b
if R(b)=1, skip
None
2 if skip
1
00kk
kkkk
kkkk
1kkk
CALL k
PC+1
→ [SP]
(Page, k)
→ PC
None
2
1
01kk
kkkk
kkkk
1kkk
JMP k
(Page, k)
→ PC
None
2
1
1000
kkkk
kkkk
18kk
MOV A,k
k
→ A
None
1
1
1001
kkkk
kkkk
19kk
OR A,k
A
∨ k → A
Z
1
1
1010
kkkk
kkkk
1Akk
AND A,k
A & k
→ A
Z
1
1
1011
kkkk
kkkk
1Bkk
XOR A,k
A
⊕ k → A
Z
1
1
1100
kkkk
kkkk
1Ckk
RETL k
k
→ A, [Top of Stack] →
PC
None
2
1
1101
kkkk
kkkk
1Dkk
SUB A,k
k-A
→ A
Z,C,DC
1
1
1110
0000
0001
1E01
INT
PC+1
→ [SP]
001H
→ PC
None
1
1
1110
1kkk
kkkk
1E8k
PAGE
k
K->R5(4:0)
None
1
1
1111
kkkk
kkkk
1Fkk
ADD A,k
k+A
→ A
Z,C,DC
1
** 1 Instruction cycle = 2 main CLK


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com