Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
52
2004/8/19
(V1.6)
VII.8 Instruction Set
Instruction set has the following features:
(1) Every bit of any register can be set, cleared, or tested directly.
(2) The I/O register can be regarded as general register. That is, the same instruction can operates on I/O register.
The symbol "R" represents a register designator which specifies which one of the 64 registers (including operational
registers and general purpose registers) is to be utilized by the instruction. Bits 6 and 7 in R4 determine the selected
register bank. "b'' represents a bit field designator which selects the number of the bit, located in the register "R'',
affected by the operation. "k'' represents an 8 or 10-bit constant or literal value.
INSTRUCTION
BINARY
HEX
MNEMONIC OPERATION
STATUS
AFFECTED
Instruction
cycle
0
0000
0000
0000
0000
NOP
No Operation
None
1
0
0000
0000
0001
0001
DAA
Decimal Adjust A
C
1
0
0000
0000
0010
0002
CONTW
A
→ CONT
None
1
0
0000
0000
0011
0003
SLEP
0
→ WDT, Stop oscillator
T,P
1
0
0000
0000
0100
0004
WDTC
0
→ WDT
T,P
1
0
0000
0000
rrrr
000r
IOW R
A
→ IOCR
None
1
0
0000
0001
0000
0010
ENI
Enable Interrupt
None
1
0
0000
0001
0001
0011
DISI
Disable Interrupt
None
1
0
0000
0001
0010
0012
RET
[Top of Stack]
→ PC
None
2
0
0000
0001
0011
0013
RETI
[Top of Stack]
→ PC
Enable Interrupt
None
2
0
0000
0001
0100
0014
CONTR
CONT
→ A
None
1
0
0000
0001
rrrr
001r
IOR R
IOCR
→ A
None
1
0
0000
0010
0000
0020
TBL
R2+A
→ R2 bits
9,10 do not clear
Z,C,DC
2
0
0000
01rr
rrrr
00rr
MOV R,A
A
→ R
None
1
0
0000
1000
0000
0080
CLRA
0
→ A
Z
1
0
0000
11rr
rrrr
00rr
CLR R
0
→ R
Z
1
0
0001
00rr
rrrr
01rr
SUB A,R
R-A
→ A
Z,C,DC
1
0
0001
01rr
rrrr
01rr
SUB R,A
R-A
→ R
Z,C,DC
1
0
0001
10rr
rrrr
01rr
DECA R
R-1
→ A
Z
1
0
0001
11rr
rrrr
01rr
DEC R
R-1
→ R
Z
1
0
0010
00rr
rrrr
02rr
OR A,R
A
∨ R → A
Z
1
0
0010
01rr
rrrr
02rr
OR R,A
A
∨ R → R
Z
1
0
0010
10rr
rrrr
02rr
AND A,R
A & R
→ A
Z
1
0
0010
11rr
rrrr
02rr
AND R,A
A & R
→ R
Z
1
0
0011
00rr
rrrr
03rr
XOR A,R
A
⊕ R → A
Z
1
0
0011
01rr
rrrr
03rr
XOR R,A
A
⊕ R → R
Z
1
0
0011
10rr
rrrr
03rr
ADD A,R
A + R
→ A
Z,C,DC
1
0
0011
11rr
rrrr
03rr
ADD R,A
A + R
→ R
Z,C,DC
1
0
0100
00rr
rrrr
04rr
MOV A,R
R
→ A
Z
1
0
0100
01rr
rrrr
04rr
MOV R,R
R
→ R
Z
1
0
0100
10rr
rrrr
04rr
COMA R
/R
→ A
Z
1
0
0100
11rr
rrrr
04rr
COM R
/R
→ R
Z
1
0
0101
00rr
rrrr
05rr
INCA R
R+1
→ A
Z
1
0
0101
01rr
rrrr
05rr
INC R
R+1
→ R
Z
1
0
0101
10rr
rrrr
05rr
DJZA R
R-1
→ A, skip if zero
None
2 if skip
0
0101
11rr
rrrr
05rr
DJZ R
R-1
→ R, skip if zero
None
2 if skip


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com