Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 51 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 51 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 55Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
51
2004/8/19
(V1.6)
address R register
page0
R register
page1
R register
page2
R register
page3
IOC register
page0
IOC register
page1
1
--
00000000
00000000
xxxxxxxx
2
--
--
--
--
3
--
--
--
--
4
00xxxxxx
xxxxxxxx
10001000
xxx00000
5
x0000000
00000000
00000000
xxxx0000
11110000
xxxxxxxx
6
xxxxxxxx
xxxxxxxx
00000000
00000000
11111111
xxxxxxxx
7
xxxxxxxx
xxxxxxxx
00000000
00000000
11111111
xxxxxxxx
8
xxxxxxxx
xxxxxxxx
x0000000
xxxxxxxx
11111111
00000000
9
xxxxxxxx
xxxxxxxx
00000xxx
xxxx0000
11111111
00000000
A
00000xx0
xxxxxxxx
00000000
00000000
00000000
00000000
B
xxxxxxxx
xxxxxxxx
11111111
00000000
11111111
00xx0000
C
xxxxxxxx
xxxxxxxx
11111111
00000000
11111111
00000000
D
xxxxxxxx
xxxxxxxx
x0011111
xxxxxxxx
11111111
00000000
E
00000000
xxxxxxxx
10000000
xxxxxxxx
00000000
0x000000
F
00000000
xxxxxxxx
xxxxxxxx
xxxxxxxx
00000000
--
VII.6 wake-up
The controller provided sleep mode for power saving.
SLEEP mode , RA(7)=0 + "SLEP" instruction .
The controller will turn off all the CPU and crystal. Other circuit with power control like key tone control or
PLL control (which has enable register), user has to turn it off by software.
Wake-up from SLEEP mode :
(1) WDT time out
(2) external interrupt
(3) /RESET pull low
All these cases will reset controller , and run the program at address zero. The status just like the power on reset.
Be sure to enable circuit at case (1) or (2).
VII.7 Interrupt
RE and RF is the interrupt status register which records the interrupt request in flag bits. IOCE and IOCF is the
interrupt mask register. TCC timer, Counter1 and Counter2 are internal interrupt source. P70 ~ P77(INT0 ~ INT7) are
external interrupt input which interrupt sources are come from the external. If the interrupts are happened by these
interrupt sources, then RE or RF register will generate '1' flag to corresponding register if you enable IOCE or IOCF
register. Global interrupt is enabled by ENI instruction and is disabled by DISI instruction. When one of the interrupts
(when enabled) generated, will cause the next instruction to be fetched from address 008H. Once in the interrupt
service routine the source of the interrupt can be determined by polling the flag bits in the RE and RF register. The
interrupt flag bit must be cleared in software before leaving the interrupt service routine and enabling interrupts to
avoid recursive interrupts.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com