Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
48
2004/8/19
(V1.6)
IOCC PORT C I/O Control , Port 6 Pull high register
PAGE0 PORT C I/O Control
7
6
5
4
3
2
1
0
IOCC7
IOCC6
IOCC5
IOCC4
IOCC3
IOCC2
IOCC1
IOCC0
Bit 0~Bit 7 (IOCC0~IOCC7) : PORTC(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 Port 6 Pull High Register
7
6
5
4
3
2
1
0
PH67
PH66
PH65
PH64
PH63
PH62
PH61
PH60
Bit 0~Bit 7(PH60~PH67) : PORT6(0~7) pull high control register
0
disable pull high function.
1
enable pull high function
IOCD PORT D I/O Control , Port 7 Pull high register
PAGE0 PORT D I/O Control
7
6
5
4
3
2
1
0
IOCD7
IOCD6
IOCD5
IOCD4
IOCD3
IOCD2
IOCD1
IOCD0
Bit 0~Bit 6 (IOCD0~IOCD6) : PORTD(0~6) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 Port 7 Pull High Register
7
6
5
4
3
2
1
0
PH77
PH76
PH75
PH74
PH73
PH72
PH71
PH70
Bit 0~Bit 7(PH70~PH77) : PORT7(0~7) pull high control register
0
disable pull high function.
1
enable pull high function
IOCE Interrupt mask , Differential Energy Detect
PAGE0 Interrupt Mask Register1
7
6
5
4
3
2
1
0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
Bit 0~Bit 7 : Interrupt enable bits.
0/1
disable interrupt/enable interrupt
PAGE1 Differential Energy Detect
7
6
5
4
3
2
1
0
VRSEL
DEDD
EDGE
WUEDD CW_SMB DEDCLK DEDPWR DEDTHD
Bit 0(DEDTHD) : The minimum detection threshold of Differential Energy Detector (DED)
0/1
-45dBm/-30dBm
Bit 1 (DEDPWR) : Power control of Differential Energy Detector (DED)
0/1
Power off / Power on
Bit 2 (DEDCLK) : Operating clock for Differential Energy Detector (DED)
0/1
32.768kHz/3.5826MHz
This bit is used to select operating clock for Differential Energy Detector (DED). When this bit is set to “1”, the
PLL is also enabled regardless of RA bit 6 (ENPLL) . At this time, the Energy detector works at high frequency


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com