Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
45
2004/8/19
(V1.6)
PAGE1 Port B IO/SEG Control Register
7
6
5
4
3
2
1
0
PBS7
PBS6
PBS5
PBS4
PBS3
PBS2
PBS1
PBS0
Bit 0~Bit 7 (PBS0~PBS7) : Switch I/O PORTB or LCD segment(com) output for share pins COMxx/SEGxx/PORTB
pins
0
select normal PORTB I/O
1
select output for LCD COM/SEGMENT output.
IOCA Stack point , Port C IO/SEG Control
PAGE0 STACK Point
7
6
5
4
3
2
1
0
-
-
-
STKP4
STKP3
STKP2
STKP1
STKP0
Bit 0 ~ Bit 5 (STKP0 ~ STKP4) : Stack Point selection bits
Stack4
STKP3
STKP2
STKP1
STKP0 Stack Point
0
0
0
0
0
Stack 1
0
0
0
0
1
Stack 2
0
0
0
1
0
Stack 3
0
0
0
1
1
Stack 4
:
:
:
:
:
:
:
:
:
:
:
:
1
0
1
1
0
Stack 22
1
0
1
1
1
Stack 23
1
1
0
0
0
Stack 24
User can read bit 5 .. bit 0 to understand how many stack layer that program used . Bit 4 .. bit 0 is a six bit
counter. The counter will incrementally after user use internal , external interrupt or “CALL” instruction and it will
decrement when user use “RET” or “RETI” instruction. These five bits are read only bits.
Bit 5~Bit 7 : Unused
PAGE1 Port C IO/SEG Control Register
7
6
5
4
3
2
1
0
PCS7
PCS6
PCS5
PCS4
PCS3
PCS2
PCS1
PCS0
Bit 0~Bit 7 (PCS0~PCS7) : Switch I/O PORTC or LCD segment(com) output for share pins COMxx/SEGxx/PORTC
pins
0
select normal PORTC I/O
1
select output for LCD COM/SEGMENT output.
IOCB PORT B I/O Control ,External LCD driver interface (for EMC 65x132)
PAGE0 PORT B I/O Control
7
6
5
4
3
2
1
0
IOCB7
IOCB6
IOCB5
IOCB4
IOCB3
IOCB2
IOCB1
IOCB0
Bit 0~Bit 7 (IOCB0~IOCB7) : PORTB(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 External LCD Driver controller
7
6
5
4
3
2
1
0
EXA17
CWPWR
RES1
RSE0
CSS
CSSON
DIS
EXLCD
Bit 0(EXLCD) : Internal/External LCD driver switch.
0/1
Internal only/Internal and External LCD driver control


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com