Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
44
2004/8/19
(V1.6)
PAGE1 Data RAM address2(H)
7
6
5
4
3
2
1
0
RAM2A13 RAM2A12 RAM2A11 RAM2A10 RAM2A9 RAM2A8
Bit 0~Bit 5 (RAM2A8 ~ RAM2A13) : Data RAM address (address8 to address13) for RAM reading or writing
Bit 6~Bit 7 : Unused
IOC8 PORT 8 I/O Control ,Port8 and Port9 IO/SEG&COM Control
PAGE0 PORT 8 I/O Control
7
6
5
4
3
2
1
0
IOC87
IOC86
IOC85
IOC84
IOC83
IOC82
IOC81
IOC80
Bit 0 ~ Bit 7 (IOC80 ~ IOC87) : PORT8(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 IO/SEG&COM Control Register
7
6
5
4
3
2
1
0
-
-
LCDDV1 LCDDV0
P9SH
P9SL
P8SH
P8SL
Bit 0 (P8SL) : Switch low nibble I/O Port8 or LCD segment output for share pins SEGxx/P8x pins
0
select normal P80 ~ P83 for low nibble PORT8
1
select SEG66~SEG69 output for LCD SEGMENT output.
Bit 1 (P8SH) : Switch high nibble I/O Port8 or LCD segment output for share pins SEGxx/P8x pins
0
select normal P84 ~ P87 for high nibble PORT8
1
select SEG70 ~ SEG73 output for LCD SEGMENT output.
Bit 2 (P9SL) : Switch low nibble I/O Port9 or LCD segment output for share pins
0
select normal P90 ~ P93 for low nibble PORT9
1
select SEG74~SEG77 output for LCD SEGMENT output.
Bit 3 (P9SH) : Switch low nibble I/O Port9 or LCD segment output for share pins
0
select normal P94 ~ P97 for high nibble PORT9
1
select SEG78~SEG81 output for LCD SEGMENT output.
Bit 4~Bit 5(LCDDV0~LCDDV1) : LCD driver’s driving ability control
LCDDV1
LCDDV0
Driving mode
0
0
Normal mode (ratio = 1)
0
1
Weak mode (ratio = 1/2)
1
0
Strong mode (ratio = 2)
1
1
Maximum mode (ratio = 4)
LCDDV0 ~ LCDDV1 are used to select the driving ability of LCD driver. The driving ability is Maximum
mode > Strong mode > Normal mode > Weak mode by 1/2 ratio individually. The larger driving ability it is selected,
the larger output loading of LCD driver output can be afforded and the more current consumption is occurred. It
depends on user’s application.
Bit 6~ Bit7: Undefined register. These two bits are not allowed to use.
IOC9 PORT9 I/O Control , Port B IO/SEG Control
PAGE0 PORT 9 I/O Control
7
6
5
4
3
2
1
0
IOC97
IOC96
IOC95
IOC94
IOC93
IOC92
IOC91
IOC90
Bit 0 ~ Bit 7 (IOC90 ~ IOC97) : PORT9(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com