Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 43 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 43 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 47Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
43
2004/8/19
(V1.6)
1/0
auto increase / auto decrease
Bit 7 (DA2_ID) : DATA RAM address(IOC6 and IOC7 register) automatic increase/decrease switch. Set to 1 means
auto_increase, clear to 0 means auto_decrease.
1/0
auto increase / auto decrease
PAGE1 Data RAM data buffer2
7
6
5
4
3
2
1
0
RAM2D7 RAM2D6 RAM2D5 RAM2D4 RAM2D3 RAM2D2 RAM2D1 RAM2D0
Bit 0 ~ Bit 7 (RAM1D0 ~ RAM1D7) : Data RAM data buffer for RAM reading or writing.
Collocation RC~RE PAGE2 , user can move a large number continue data from an address to another in data RAM.
Example(move data from 0x0000 to 0x1000):
BC
R3,@5
MOV
A , @0xF0
;Enable Rata RAM flag1 and flag2 auto_increase function
IOW
0x05
BS
R3 , @5
:Set correspond PAGE
BS
R3 , @6
BC
R3 , @7
MOV
A , @0x00
;Assign DATA RAM index1 start address”0x0000”
MOV
0x0D , A
MOV
0x0E , A
IOW
0x06
; Assign DATA RAM index2 start address”0x1000”
MOV
A , @0x10
IOW
0x07
MOV
A , 0x0C
;Read data from index1(address:0x0000)
IOW
0x05
;Write data to index2(address:0x1000)
MOV
A , 0x0C
;Read data from index1(address:0x0001)
IOW
0x05
;Write data to index2(address:0x1001)
:
:
IOC6 PORT 6 I/O Control , Data RAM address(L)
PAGE0 PORT 6 I/O Control
7
6
5
4
3
2
1
0
IOC67
IOC66
IOC65
IOC64
IOC63
IOC62
IOC61
IOC60
Bit 0~Bit 7 (IOC60 ~ IOC67) : PORT6(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 Data RAM Address2(L)
7
6
5
4
3
2
1
0
RAM2A7 RAM2A6 RAM2A5 RAM2A4 RAM2A3 RAM2A2 RAM2A1 RAM2A0
Bit 0~Bit 7 (RAM2A0 ~ RAM2A7) : Data RAM address (address0 to address7) for RAM reading or writing
IOC7 PORT 7 I/O Control , Data RAM Address2(H)
PAGE0 PORT 7 I/O Control
7
6
5
4
3
2
1
0
IOC77
IOC76
IOC75
IOC74
IOC73
IOC72
IOC71
IOC70
Bit 0~Bit 7 (IOC70 ~ IOC77) : PORT7(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com