![]() |
Electronic Components Datasheet Search |
|
EM78P813BQ Datasheet(PDF) 42 Page - ELAN Microelectronics Corp |
|
|
EM78P813BQ Datasheet(HTML) 42 Page - ELAN Microelectronics Corp |
42 / 65 page ![]() EM78P813 8-bit OTP Micro-controller __________________________________________________________________________________________________________________________________________________________________ * This specification is subject to change without notice. 42 2004/8/19 (V1.6) Instruction clock M U X TS PAB M U X SYNC 2 cycles TCC overflow interrupt Data Bus TCC(R1) PSR0 ~ PSR2 8-bit Counter 8-to-1 M UX MUX PAB WDT timeout PAB M U X WDT WDTE 16.384kHz Fig.30 Block diagram of TCC and WDT IOC5 Address Automatic Increase/Decrease control , Data RAM data buffer2 PAGE0 Address Automatic Increase/Decrease control register 7 6 5 4 3 2 1 0 DA2_ID DA1_ID DO_ID LCD_ID DA2_IDEN DA1_IDEN DO_IDEN LCD_IDEN Bit 0 (LCD_IDEN) : Enable on_chip LCD RAM address Increase/Decrease Enable Function. If set this bit, LCD address flag will increase or decrease after access ( read or write ) LCD data. 1/0 Enable / Disable **EM78813 provided 32x98 dot LCD driver and it’s SEGMENT address(COM0~COM7) is 0x00~0x7F(RA PAGE1). When using 32 x 98 LCD driving mode, LCD RAM will mapping to 0x000~0x061,0x080~0x0E1,0x100~0x161 and 0x181~0x1E1. If enable on_chip LCD RAM address auto_increase function , After access data from LCD driver in address 0x061, LCD RAM address will auto_increase to 0x062 and it will over LCD range. User must assign address to 0x080 when LCD RAM address point to 0x061. Bit 2 (DO_IDEN) : Enable DATA ROM address flag Increase/Decrease Enable Function. If set this bit, DATA ROM address will increase or decrease after access ( read or write ) DATA ROM data. 1/0 Enable / Disable Bit 3(DA1_IDEN) : Enable DATA RAM address flag1(RD and RE register) Increase/Decrease Enable Function. If set this bit, DATA RAM address will increase or decrease after access ( read or write ) DATA RAM data (RC register). 1/0 Enable / Disable Bit 4 (DA2_IDEN) : Enable DATA RAM address flag2(IOC6 and IOC7) Increase/Decrease Enable Function. If set this bit, DATA RAM address will increase or decrease after access ( read or write ) DATA RAM data (IOC5 register). 1/0 Enable / Disable Bit 5 (LCD_ID) : on_chip LCD RAM address automatic increase/decrease switch. Set to 1 means auto_increase, clear to 0 means auto_decrease. 1/0 auto increase / auto decrease Bit 6 (DO_ID) : DATA ROM address automatic increase/decrease switch. Set to 1 means auto_increase, clear to 0 means auto_decrease. 1/0 auto increase / auto decrease Bit 7 (DA1_ID) : DATA RAM address(RD and RE register) automatic increase/decrease switch. Set to 1 means auto_increase, clear to 0 means auto_decrease. |
Similar Part No. - EM78P813BQ |
|
Similar Description - EM78P813BQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |