Electronic Components Datasheet Search |
|
EM78P813BQ Datasheet(PDF) 41 Page - ELAN Microelectronics Corp |
|
|
EM78P813BQ Datasheet(HTML) 41 Page - ELAN Microelectronics Corp |
41 / 65 page EM78P813 8-bit OTP Micro-controller __________________________________________________________________________________________________________________________________________________________________ * This specification is subject to change without notice. 41 2004/8/19 (V1.6) PAGE3 Undefined register This register is not allowed to used. R10~R3F (General Purpose Register) R10~R3F (Banks 0 ~ 3) : All of them are general purpose registers VII.3 Special Purpose Registers A (Accumulator) Internal data transfer, or instruction operand holding It's not an addressable register. CONT ( Control Register ) 7 6 5 4 3 2 1 0 INT/EDGE INT TS DAEN PAB RSR2 RSR1 RSR0 Bit 0 ~ Bit 2 (PSR0 ~ PSR2) : TCC/WDT prescaler bits PSR2 PSR1 PSR0 TCC rate WDT rate 0 0 0 1:2 1:1 0 0 1 1:4 1:2 0 1 0 1:8 1:4 0 1 1 1:16 1:8 1 0 0 1:32 1:16 1 0 1 1:64 1:32 1 1 0 1:128 1:64 1 1 1 1:256 1:128 Bit 3(PAB) : Prescaler assignment bit 0/1 TCC/WDT Bit 4 (DAEN) : Current DA enable control 0/1 disable/enable Bit 5 (TS) : TCC signal source 0/1 Instruction clock / 16.384K Hz Instruction clock = MCU clock/2, Refer to RA Bit 4 ~ Bit 6 for PLL and Main clock selection. See Fig.15. Bit 6 (INT) : INT enable flag 0 interrupt masked by DISI or hardware interrupt 1 interrupt enabled by ENI/RETI instructions Bit 7(INT_EDGE) : interrupt edge type of P77 0 P77 's interruption source is a rising edge signal and falling edge signal. 1 P77 's interruption source is a falling edge signal. CONT register is readable (CONTR) and writable (CONTW).There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is available for the TCC only or WDT only at the same time. An 8 bit counter is available for TCC or WDT determined by the status of the bit 3 (PAB) of the CONT register. See the prescaler ratio in CONT register.Fig.25 depicts the circuit diagram of TCC/WDT. Both TCC and prescaler will be cleared by instructions which write to TCC each time. The prescaler will be cleared by the WDTC and SLEP instructions, when assigned to WDT mode. The prescaler will not be cleared by SLEP instructions, when assigned to TCC mode. |
Similar Part No. - EM78P813BQ |
|
Similar Description - EM78P813BQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |