Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
40
2004/8/19
(V1.6)
PAGE3 UART transmitter data buffer
7
6
5
4
3
2
1
0
URT7
URT6
URT5
URT4
URT3
URT2
URT1
URT0
Bit 0~Bit 7(URT0~URT7) : Low 8 bit UART transmitter data buffer
RF Interrupt flag
7
6
5
4
3
2
1
0
RBF/SDT FSK/CW
-
UART
DED
CNT2
CNT1
TCC
"1" means interrupt request, "0" means non-interrupt
Bit 0 (TCC) : TCC timer overflow interrupt flag
Set when TCC timer overflows .
Bit 1 (CNT1) : Counter1 timer overflow interrupt flag
Set when counter1 timer overflows.
Bit 2 (CNT2) : Counter2 timer overflow interrupt flag
Set when counter2 timer overflows .
Bit 3 (DED) : Interrupt flag of Differential Energy Detector (DED) output data. If DEDD(RE page2 bit7) has a falling
edge signal (or falling & rising edge signal , switch by IOCE page1 bit5), CPU will set this bit.
Bit 4 (UART) : Universal Asynchronous Receiver Transmitter interrupt flag. When
transmitter buffer empty , receiver buffer full or receiver data error, this bit will be set.
Bit 5Undefined register. Note that this bit is not ensured to be a fix value.
Bit 6 (FSK/CW) : FSK data or Call waiting data interrupt flag.
If FSKDATA or CAS has a falling edge trigger signal, CPU will set this bit.
Bit 7 ( RBF/STD) : SPI data transfer complete or DTMF receiver signal valid interrupt
If serial IO 's RBF signal has a rising edge signal (RBF set to "1" when transfer data completely), CPU will set
this bit. Or DTMF receiver's STD signal has a rising edge signal (DTMF decode a DTMF signal).
IOCF is the interrupt mask register. User can read and clear.
Trigger edge as the table
Signal
Trigger
<Note>
TCC
Time out
COUNTER1
Time out
8/16 bits select by CONT register
COUNTER2
Time out
DED
Signal detect
UART
Receiver full, Transmitter
empty or error(if enable)
ADI
AD sampling success
FSK
Falling edge
RBF/STD
Rising edge
EM78813 MCU will store ACC,R3 status and R5 PAGE automatically after an interrupt is triggered.
And it will be restored after instruction “RETI”.
PAGE2 External Data ROM
7
6
5
4
3
2
1
0
EXA8
EXA7
EXA6
EXA5
EXA4
EXA3
EXA2
EXA1
Bit 0~Bit 7(EXA1~EXA8) : Expanding Data ROM start address A1~A8
PAGE2 External Data ROM
7
6
5
4
3
2
1
0
EXA16
EXA15
EXA14
EXA13
EXA12
EXA11
EXA10
EXA9
Bit 0~Bit 7(EXA9~EXA16) : Expanding Data ROM start address A9~A16


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com