Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P813BQ Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
4
2004/8/19
(V1.6)
•Mixed dual tone generation by Tone1 and Tone2 with 2dB difference
•Can be programmed for DTMF tone generation
•Can be programmed for FSK signal (Bell202 or V.23) generation
CID
•Operation Voltage 2.7V∼5.5V for FSK
•Operation Voltage 2.7V∼5.5V for DTMF receiver
•Compatible with Bellcore GR-30-CORE (formerly as TR-NWT-000030)
•Compatible with British Telecom (BT) SIN227 & SIN242
•FSK demodulator for Bell 202 and ITU-T V.23 (formerly as CCITT V.23)
•Differential Energy Detector (DED) for line energy detection
CALL WAITING
•Operation Voltage 2.6V∼5.5V
•Compatible with Bellcore special report SR-TSV-002476
•Call-Waiting (2130Hz plus 2750Hz) Alert Signal Detector
•Good talkdown and talkoff performance
•Sensitivity compensated by adjusting input OP gain
LCD (16x112 , 24x106 , 32x98 )
•Operating Voltage range:
Supply voltage : 2.5V to 5.5V
Through charge pump circuit and regulate adjusting, LCD device voltage : 3.6V to 5.3V
•Maximum common driver pins : 16/24/32
•Maximum segment driver pins : 112(SEG0..SEG111)/106(SEG0..SEG105)/ 106(SEG0..SEG97)
•Shared COM16 ~ COM23 pins with SEG113 ~ SEG106 pins
•Shared COM24 ~ COM31 pins with SEG105 ~ SEG98 pins
•1/5 bias for 16 common mode , 1/6 bias for 24 common mode and 1/7 for 32 common mode
•1/16, 1/24, 1/32 duty
•32 Level LCD contrast control (software)
•Internal resistor circuit for LCD bias.
External LCD controller (64 x 256 dot MAX for a pair of Master and Slave LCD Driver)
•Multi-chip operation(Master, Slave) available for external LCD device.
Expand
•128K Program ROM (64K on_chip and provided Parallel transmitter interface for 64K external
program ROM access.)Through external address & data bus, 2M byte Data ROM can be addressing.
Package type
•186 pin die : EM78P813H
•208 pin QFP : EM78P813AQ(POVD disable)
EM78P813BQ(POVD enable)
III. Application
•adjunct units
•SMS phones
•feature phones


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com