Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
37
2004/8/19
(V1.6)
Bias
VC1
VC2
VC3
VC4
VC5
1/5
V1
4/5*V1
3/5*V1
2/5*V1
1/5*V1
1/6
V1
5/6*V1
4/6*V1
2/6*V1
1/6*V1
1/7
V1
6/7*V1
5/7*V1
2/7*V1
1/7*V1
Bit 2~Bit 3(LCD0~LCD1) : LCD operation function definition.
LCD1
LCD0
LCD operation
0
0
Disable
0
1
Blanking
1
0
Reserved
1
1
LCD enable
<Note 1> Key strobe and Key check functions should be normal operating whenever LCD is
enabled or disabled.
<Note 2> When LCD operation disable:
(1) Internal Voltage regulator will disable and VREF pin is into high impedance.
(2) Charge pump circuit disable.
(3) Internal non-Inverter OP Amp power off.
The controller can drive LCD directly. LCD block is made up of LCD driver, display RAM, segment output pins,
common output pins and LCD operating bias pins.
Duty is determined by
RD PAGE2 bit5. The number of segment , the number of common and frame frequency are
determined by LCD mode register RE PAGE2 Bit 0~ Bit 1.
When 16 LCD commons and 1/4 duty are used, LCD operating bias pins VC1, VC2, VC4 and VC5 need to be
connected 0.1uF capacitors to the ground (VC3 is not necessary). When 24 and 32 LCD common is used, all LCD
operating bias pins VC1 ~ VC5 need to be connected 0.1uF capacitors to the ground.
LCD driver can be controlled as different driving ability (refer to RD PAGE2 register).
The basic structure contains a timing control which uses the basic frequency 32.768kHz to generate the proper timing
for different duty and display access. RE PAGE2 register is a command register for LCD driver and display. The LCD
display (disable, enable, blanking) is controlled by RE PAGE0 Bit 2 ~ Bit 3 and the driving duty is decided by RE
PAGE2 Bit 0 ~ Bit 1. LCD display data is stored in data RAM which address and data access controlled by registers
R9, RA PAGE1 and RB PAGE1.
User can regulate the contrast of LCD display by RD PAGE2 (BIAS4..BIAS0). Up to 32 levels contrast is convenient
for better display. And the internal voltage follower can afford large driving source.
Bit 4 (KEYSCAN) : Key scan function enable control bit
0/1
disable/enable
If you enable key scan function LCD waveform will has a small pulse within a period like fig.23


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com