Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
36
2004/8/19
(V1.6)
PAGE3 Undefined register
This register is not allowed to used.
RE Interrupt flag1 , Data RAM address1(H) CAS , LCD Control , Key Scan ,
PAGE0 Interrupt flag1
7
6
5
4
3
2
1
0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
Bit 0 (INT0) : External INT0 pin interrupt flag
If PORT70 has a falling edge trigger signal. CPU will set this bit.
Bit 1 (INT1) : External INT1 pin interrupt flag
If PORT71 has a falling edge trigger signal. CPU will set this bit.
Bit 2 (INT2) : External INT2 pin interrupt flag
If PORT72 has a falling edge trigger signal. CPU will set this bit.
Bit 3 (INT3) : External INT3 pin interrupt flag
If PORT73 has a falling edge trigger signal. CPU will set this bit.
Bit 4 (INT4) : External INT4 pin interrupt flag
If PORT74 has a falling edge trigger signal. CPU will set this bit.
Bit 5 (INT5) : External INT5 pin interrupt flag
If PORT75 has a falling edge trigger signal. CPU will set this bit.
Bit 6 (INT6) : External INT6 pin interrupt flag
If PORT76 has a falling edge trigger signal. CPU will set this bit.
Bit 7 (INT7) : External INT7 pin interrupt flag
If PORT77 has a falling (or rising and falling) edge trigger signal. CPU will set this bit.
Signal
Trigger
<Note>
INT0
:
INT6
Falling edge
INT7
Falling/Falling & rising edge
Controlled by CONT register
PAGE1 Data RAM Address1(H)
7
6
5
4
3
2
1
0
RAM1A13 RAM1A12 RAM1A11 RAM1A10 RAM1A9 RAM1A8
Bit 0~Bit 5(RAM1A8 ~ RAM1A13) : Data RAM address (address8 to address13) for RAM reading.
Bit 6~Bit 7 : Unused
PAGE2 CAS , LCD Control , Key Scan
7
6
5
4
3
2
1
0
CAS
KEYSTROB KEYSCAN LCD1
LCD0
LCDM1 LCDM0
Bit 0~Bit 1(LCDM0~LCDM1) : LCD common mode, bias select and COM/SEG switch control bits
LCDM1
LCDM0
COM output mode
LCD bias
COM/SEG switch
0
0
32 common
1/7
COM 16 ~ COM 31 select
0
1
24 common
1/6
COM 16 ~ COM 23 ,
SEG98 ~ SEG 105 select
1
X
16 common
1/5
SEG 98 ~ SEG 111 select
<Note> When 32 LCD common mode is set, COM16/SEG111 pin ~ COM31/SEG98 pin are set to COM16 ~
COM31 and LCD bias is switch 1/7 bias. When 24 LCD common mode is set, COM16 pin ~ COM23/SEG106
pin are set to COM16 ~ COM23 and COM24/SEG105 pin ~ COM31/SEG98 pin are set to SEG105 ~ SEG98.
When 16 LCD common mode is set, COM16 pin ~ COM31/SEG98 pin are set to SEG1131~ SEG98.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com