Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
32
2004/8/19
(V1.6)
PAGE1 LCD Data buffer
7
6
5
4
3
2
1
0
LCDD7
LCDD6
LCDD5
LCDD4
LCDD3
LCDD2
LCDD1
LCDD0
Bit 0 ~
Bit 7 (LCDD0 ~ LCDD7) : LCD data buffer for LCD RAM reading or writing
Example.
MOV
A,@0
MOV
R9_PAGE1,A
MOV
RA_PAGE1,A
;ADDRESS
MOV
A,@0XAA
MOV
RB_PAGE1,A
;WRITE DATA 0XAA TO LCD RAM
MOV
A,RB_PAGE1
;READ DATA FROM LCD RAM
:
PAGE2 KEY Strobe Control Register
7
6
5
4
3
2
1
0
STRB7
STRB6
STRB5
STRB4
STRB3
STRB2
STRB1
STRB0
Bit 0 ~ Bit 7 (STRB0 ~ STRB7) : Key strobe control bits
These key strobe control registers correspond to SEGMENT50 ~ SEGMENT57 or Port80 ~ Port87 (decided by
CHIPSEL pin). Please refer KEYSTOBE explanation (RE page3).
PAGE3 Tone 2 Control Register
7
6
5
4
3
2
1
0
T27
T26
T25
T24
T23
T22
T21
T20
Bit 0~Bit 7(T20~T27) : Tone generator1‘s frequency divider and power control. Please refer to RA
Page3 Tone1 control register for detail.
RC Port C I/O Data , Data RAM data buffer , Tone 2 generator
PAGE0 Port C I/O Data
7
6
5
4
3
2
1
0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Bit 0 ~ Bit 7 (PC0 ~ PC7) : 8-bit PORTC ( 0~7 ) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 Data RAM data buffer1
7
6
5
4
3
2
1
0
RAM1D7 RAM1D6 RAM1D5 RAM1D4 RAM1D3 RAM1D2 RAM1D1 RAM1D0
Bit 0 ~ Bit 7 (RAM1D0 ~ RAM1D7) : Data RAM data buffer1 for RAM reading or writing.
Example.
MOV
A,@1
MOV
RD_PAGE1,A
MOV
A,@0
MOV
RE_PAGE1,A
MOV
A,@0x55
MOV
RC_PAGE1,A
;write data 0x55 to DATA RAM which address is "0001".
MOV
A,RC_PAGE1
;read data
:


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com