Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
31
2004/8/19
(V1.6)
Clock source = 85300Hz
T17~T10 = ‘11111111’
Tone generator1 will has 334(85300/255) Hz SIN wave output.
:
:
T17~T10 = ‘00000010’
Tone generator1 will has 41150(85300/2) Hz SIN wave output.
T17~T10 = ‘00000001’
DC bias voltage output
T17~T10 = ‘00000000’
Power off
Built-in tone generator can generate dialing tone signals for telephone of dialing tone type or just a single tone.
In DTMF application, there are two kinds of tone. One is the group of row frequency (TONE1), the other is the group
of column frequency (TONE2), each group has 4 kinds of frequency, user can get 16 kinds of DTMF frequency totally.
Tone generator contains a row frequency sine wave generator for generating the DTMF signal which selected by RA
page3 and a column frequency sine wave generator for generating the DTMF signal which selected by RB page3. This
block can generate single tone by filling one of these two register.
If all the values are low, the power of tone generators will turn off .
TONE2 (RB page3) High group freq.
1201.4Hz
(0X47)
1332.8Hz
(0X40)
1470.7Hz
(0X3A)
1640.4Hz
(0X34)
TONE1(RA page3)
699.2Hz(0x07A)
1
2
3
A
768.5Hz(0x06F)
4
5
6
B
Low group freq.
853.0Hz(0x064)
7
8
9
C
937.4Hz(0x05B)
*
0
#
D
Also TONE1 and TONE2 are an asynchronous tone generator so the both can be used to generate Caller ID FSK
signal. In FSK generator application, TONE1 or TONE2 can generate 1200Hz Mark bit and 2200Hz Space bit for
Bell202 or 1300Hz Mark bit and 2100Hz Space bit for V.23. See the following table.
TONE1(IOCC PAGE1) or
TONE2(IOCD PAGE1)
Freq. (Hz)
meaning
0x47
1201.4
Bell202 FSK Mark bit
0x27
2187.2
Bell202 FSK Space bit
0x42
1292.4
V.23 FSK Mark bit
0x29
2080.5
V.23 FSK Space bit
Tone generator can also generate CW or SMS signal. See the following table.
TONE1(IOCC PAGE1) or
TONE2(IOCD PAGE1)
Freq. (Hz)
meaning
0x28
2132.5
CAS freq
0x1F
2751.6
CAS freq
RB Port B I/O Data , LCD Data buffer , Key strobe , Tone 2 generator
PAGE0 Port B I/O Data
7
6
5
4
3
2
1
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Bit 0 ~ Bit 7 (PB0 ~ PB7) : 8-bit PORTB ( 0~7 ) I/O data register
User can use IOC register to define input or output each bit.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com