Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P813BQ Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
3
2004/8/19
(V1.6)
I. General Description
The EM78P813 is an 8-bit CID (Call Identification) RISC type microprocessor with low power, high speed
CMOS technology. There are 64Kx13 bits and 256Kx8 bits Electrical One Time Programmable Read Only Memory
(OTP-ROM) within it. It provides security bits and some One time programmable Option bits to protect the OTP
memory code from any external access as well as to meet user’s options.
Integrated onto a single chip are on chip watchdog (WDT), programmable real time clock/counter,
external/internal interrupt, power down mode, LCD driver, FSK decoder, Call waiting decoder, Energy Detector (DED) ,
DTMF receiver, Programming Tone generator, build-in KEY TONE clock generation, Comparator and tri-state I/O. The
EM78P813 provides a single chip solution to design a CID of calling message display.
II. Feature
CPU
•Operating voltage : 2.2V~5.5V at main CLK less then 3.58MHz.
Main CLK(Hz)
Under 3.58M
5.37M
10.74M
Operating Voltage(min)
2.2
2.5
3
•64K×13 Program ROM
•256K×8 data ROM
•16K×8 data RAM
•128×8 common register
•Up to 56 bi-directional tri-state I/O ports (32 shared with LCD Segment pins)
•IO with internal Pull high, wake-up and interrupt functions
•STACK: 24 level stack for subroutine nesting
•TCC: 8-bit real time clock/counter (TCC) with 8-bit prescaler
•COUNTER1: 8 or 16 bit counter with 8-bit prescaler can be an interrupt source
•COUNTER2: 8-bit counter with 8-bit prescaler can be an interrupt source
•Watch Dog : Programmable free running on chip watchdog timer
•CPU modes:
Mode
CPU status
Main clock
32.768kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
•4 step Normal mode CLK : 1.79 , 3.58 , 5.37 , 10.74 MHz generated by internal PLL.
•13 interrupt source , 8 external , 5 internal
•Key Scan : Port key scan function up to 16x4 keys
•Sub-Clock: 32.768KHz crystal.
•Key tone output :4KHz, 2KHz ,1KHz (shared with IO)
•Comparator: 3-channel comparators: internal (16 level) or external reference voltage. (shared with
IO)
Serial transmitter/receiver interface
•Serial Peripheral Interface (SPI): Interrupt flag available for the read buffer full, Programmable baud rates of
communication, Three-wire synchronous communication. (shared with IO)
Current D/A
•Operation Voltage : 2.5V∼5.5V
•10-bit resolution and 3-bit output level control
•Current DA output can drive speaker through a transistor for sound playing. (shared with IO)
Programmable Tone Generators
•Operation Voltage 2.2V∼5.5V
•Programmable Tone1 and Tone2 generators
•Independent single tone generation for Tone1 and Tone2


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com