Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
29
2004/8/19
(V1.6)
:
:
:
:
:
Address 1EEH
Address 16EH
Address 0EEH
Address 06EH
SEG110
Address 1EFH
Address 16FH
Address 0EFH
Address 06FH
SEG111
Address 1F0H
Address 170H
Address 0F0H
Address 070H
Empty
:
:
:
:
:
Address 1FFH
Address 17FH
Address 0FFH
Address 07FH
Empty
PAGE2 Comparator control Register
7
6
5
4
3
2
1
0
CMPEN CMPREF CMPS1
CMPS0
CMPB3
CMPB2
CMPB1
CMPB0
If user define PORT63 , PORT64 or PORT65 (by CMPIN1, CMPIN2, CMPIN3 at R9 page2) as a comparator input or
PORT6. User can use this register to control comparator's function.
Bit 0~Bit 3(CMPB0 ~ CMPB3) : Reference voltage selection of internal bias circuit for
comparator.
Reference voltage for comparator = VDD x ( N + 0.5 )/ 16 , N = 0 to 15
Bit 4~Bit 5(CMPS0~CMPS1) : Channel selection from CMP1 to CMP3 for comparator
CMPS1
CMPS0
Input
0
0
CMP1
0
1
CMP2
1
0
CMP3
1
1
Reserved
Bit 6(CMPREF) : Switch for comparator reference voltage type
0
internal reference voltage
1
external reference voltage
Bit 7(CMPEN) : Enable control bit of comparator.
0/1
disable/enable, When CMPEN bit set to “0” , 2.0V ref circuit will powered off.
The relation between these registers shown in Fig.20.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com