Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
28
2004/8/19
(V1.6)
Bit 7: Unused register. Always keep this bit to 0 or some un-expect error will happen!
The status after wake-up and the wake-up sources list as the table below.
Wakeup signal
SLEEP mode
GREEN mode
NORMAL mode
RA(7,6)=(0,0)
+ SLEP
RA(7,6)=(x,0)
no SLEP
RA(7,6)=(x,1)
no SLEP
TCC time out
IOCF bit 0=1
And "ENI"
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
COUNTER1 time out
IOCF bit 1=1
And "ENI"
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
COUNTER2 time out
IOCF bit 2=1
And "ENI"
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
WDT time out
RESET and
Jump to address
0
RESET and Jump
to address 0
RESET and
Jump to address
0
PORT7
Any one bit in IOCE
page0 = 1
And "ENI"
RESET and
Jump to address
0
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
DED interrupt
IOCE page1 bit 6 = 1
And RF bit3 logic level
variation
(switch by EDGE bit)
And “ENI”
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
Stack overflow
IOC5 page1 bit7=1
& RF bit 4: 0
1
And “ENI”
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
<Note> Stack overflow interrupt function is exist in ROM less and OTP chip only.
<Note> PORT70 ~ PORT76 's wakeup function is controlled by IOCE PAGE0 bit 0~bit 6 and ENI instruction. They
are falling edge trigger.
PORT77 's wakeup function is controlled by IOCE PAGE0 bit 7 . It can be trigger in falling edge or rising
edge (controlled by CONT register).
PAGE1 LCD address
7
6
5
4
3
2
1
0
LCDA7
LCDA6
LCDA5
LCDA4
LCDA3
LCDA2
LCDA1
LCDA0
Bit 0 ~ Bit 7 (LCDA0 ~ LCDA7) : LCD address for internal LCD RAM reading or writing
The data in the internal LCD RAM correspond to the COMMON and SEGMENT signals as the table .
COM31 ~ COM24
(set R9 PAGE1
bit7=1)
COM23 ~ COM16
(set R9 PAGE1
bit7=1)
COM15 ~COM8
(set R9 PAGE1
bit7=0)
COM7 ~ COM0
(set R9 PAGE1
bit7=0)
Address 180H
Address 100H
Address 080H
Address 000H
SEG0
Address 181H
Address 101H
Address 081H
Address 001H
SEG1
Address 182H
Address 102H
Address 082H
Address 002H
SEG2
:
:
:
:
:
:
:
:
:
:


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com