![]() |
Electronic Components Datasheet Search |
|
EM78P813BQ Datasheet(PDF) 27 Page - ELAN Microelectronics Corp |
|
|
EM78P813BQ Datasheet(HTML) 27 Page - ELAN Microelectronics Corp |
27 / 65 page ![]() EM78P813 8-bit OTP Micro-controller __________________________________________________________________________________________________________________________________________________________________ * This specification is subject to change without notice. 27 2004/8/19 (V1.6) no data is present, the bit 2 (DATA) of register RA is held on “1” state. This is accomplished by an carrier detect circuit which determines if the in-band energy is high enough. If the incoming signal is valid, bit 1 (/CD) of register RA will be “0” otherwise it will be held on “1”. And thus the demodulated data is transferred to bit 2 (DATA) of register RA. If it is not, then the FSK demodulator is blocked. Bit 3 (ROMRI) : External Data ROM read data address auto_increase enable. RO_IDEN ROMRI Result 0 X Regardless Read/Write external Data ROM, Address flag cannot increase or decrease. 1 0 Address flag will auto_increase or decrease after Read/Write external Data ROM 1 1 Address flag will auto_increase or decrease after Write external Data ROM, but address flag is constant after read external Data ROM. Bit 4 ~ Bit 5 (CLK0 ~ CLK1) : Main clock selection bits User can choose different frequency of main clock by CLK1 and CLK2. All the clock selection is list below. PLLEN CLK1 CLK0 Sub clock MAIN clock CPU clock 1 0 0 32.768kHz 5.374MHz 5.374MHz (Normal mode) 1 0 1 32.768kHz 1.7913MHz 1.7913MHz (Normal mode) 1 1 0 32.768kHz 10.7479MHz 10.7479MHz (Normal mode) 1 1 1 32.768kHz 3.5826MHz 3.5826MHz (Normal mode) 0 Don’t care don’t care 32.768kHz Don’t care 32.768kHz (Green mode) 0 Don’t care don’t care 32.768kHz Don’t care 32.768kHz (Green mode) 0 Don’t care don’t care 32.768kHz Don’t care 32.768kHz (Green mode) 0 Don’t care don’t care 32.768kHz Don’t care 32.768kHz (Green mode) Bit 6 (PLLEN) : PLL enable control bit It is CPU mode control register. If PLL is enabled, CPU will operate at normal mode (high frequency , main clock); otherwise, it will run at green mode (low frequency, 32768 Hz). 0/1 disable/enable Sub-clock 32.768kHz PLL switch 0 ENPLL CLK1 ~ CLK0 1 System clock 3.5826M Hz to analog circuit =>5.374M Hz =>1.7913M Hz =>3.5826M Hz =>10.7479M Hz 1.5 2 3 × 1 × ÷ × Fig.19 The relation between 32.768kHz and PLL |
Similar Part No. - EM78P813BQ |
|
Similar Description - EM78P813BQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |