Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
26
2004/8/19
(V1.6)
Bit 1 (/CD) : FSK carrier detect indication
0/1
Carrier Valid/Carrier Invalid
It's a read only signal. If FSK decoder detect the energy of mark or space signal. The Carrier signal will go to
low level. Otherwise it will go to high.. Note!! Should be at normal mode.
Bit 2 (FSKDATA) : FSK decoding data output
It's a read only signal. If FSK decode the mark or space signal , it will output high level signal or low level
signal at this register. It's a raw data type. That means the decoder just decode the signal and has no process on
FSK signal. Note!! Should be at normal mode.
User can use FSK data falling edge interrupt function to help data decoding.
Example:
MOV
A,@01000000
IOW
IOCF
;enable FSK interrupt function
CLR
RF
ENI
;wait for FSK data's falling edge
:
0 = Space data ( 2200Hz )
1 = Mark data (1200Hz)
FSK block power is controlled by R5 page3 bit3,4. When PCTRI1=0 and PCTRL0=1 , FSK power on.
The relation between R5 bit3 to bit4 and RA bit1 to bit 2 are show in Fig.14. You have to power FSK decoder
up first, then wait a setup time (Tsup) and check carrier signal (/CD). If the carrier is low, program can process the
FSK data.
TIP/RING
/CD
FSKDATA
FIRST RING
2 SECONDS
0.5 SEC
0.5 SEC
SECOND RING
2 SECONDS
DATA
Tcdl
PCTRL0
Tdoc
Tcdh
Tsup
FSK signal
PCTRL1
Fig.18
The relation between R5 bit3 to bit4 and RA bit1 to bit 2
The controller is a CMOS device designed to support the Caller Number Deliver feature which is offered by the
Regional Bell Operating Companies. The FSK block comprises one path: the signal path. The signal path consist of an
input differential buffer, a band pass filter, an FSK demodulator and a data valid with carrier detect circuit.
In a typical application, user can use his own external ring detect output as a triggering input to IO port. User
can use this signal to wake up whole chip by external ring detect signal. By setting “0,1” to R5 b4 and b3 (PCTRL1 &
PCTRL0) of register RA to activate the block of FSK decoder. If b4 and b3 of register R5 is set to “0,1”, the block of
FSK decoder will be powered down.
The input buffer accepts a differential AC coupled input signal through the TIP and RING input and feeds this signal
to a band pass filter. Once the signal is filtered, the FSK demodulator decodes the information and sends it to a post filter.
The output data is then made available at bit 2 (FSKDATA) of register RA. This data, as sent by the central office, includes
the header information (alternate "1" and "0") and 150 ms of marking which precedes the date, time and calling number. If


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com