Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
25
2004/8/19
(V1.6)
PAGE2 OP input control Register, FSK/CW/DTMF Power select
7
6
5
4
3
2
1
0
PCTRL1 PCTRL0
ADCS3
ADCS2
ADCS1
-
-
-
Bit 0 ~ Bit 2 : Unused.
Bit 3 ~ Bit 5(ADCS1 ~ ADCS3) : PORT65 ~ PORT67 normal IO or CMP input control bit.
ADCSX = 1
Comparator input
ADCSX = 0
normal IO
Bit 6~Bit 7 (PCTRL0~PCTRL1) : FSK,CW and DTMF receiver power control bits
PCTRL1
PCTRL0
Select
Relation Register
0
0
FSK and DTMFr power off
-
0
1
FSK power on
RA PAGE0
1
0
DTMF receiver power on
R8 PAGE2
1
1
Can not used
*Please do not set 1 to both the bits, or FSK and DTMFr function will fail..
*When User turn on DTMF receiver power, PORT60 and PORT61 will switch to /STGT and
EST pin.
PAGE3 KEY Tone Control
7
6
5
4
3
2
1
0
URT8
URR8
DA1
DA0
URINV
KT1
KT0
KTS
Bit 0 (KTS) : Key tone output switch
0
normal PORT76
1
key tone output .
Bit 1 ~ Bit 2 (KT0 ~ KT1) : Key tone output frequency and its power control
KT1
KT0
Key tone frequency and power
0
0
32.768KHz/32 = 1.024kHz clock and enable
0
1
32.768KHz/16 = 2.048kHz clock and enable
1
0
32.768KHz/8 = 4.096kHz clock and enable
1
1
Power off key tone
Bit 3(URINV) : Enable UART TXD, RXD port inverse output
0
Disable UART TXD, RXD port inverse output
1
Enable UART TXD, RXD port inverse output
Bit 4 ~ Bit 5(DA0~DA1) :These two bits are the least significant 2 bits of Current DA. Combine R6 PAGE3 and
these 2 bits as complete 10 bits Current DA output data.
Bit 6(URR8) : MSB of UART receiver data buffer.
Bit 7(URT8) : MSB of UART transmitter data buffer.
RA CPU Power saving , main CLK select , FSK , WDT timer , LCD address
Comparator control , Tone1 generator
PAGE0 Power saving , main CLK select , FSK , WDT timer
7
6
5
4
3
2
1
0
0
PLLEN
CLK1
CLK0
ROMRI FSKDATA
/CD
WDTEN
Bit 0 (WDTEN) : Watch dog control register
User can use WDTC instruction to clear watch dog counter. The counter 's clock source is 32768/2 Hz. If the
prescaler assigns to TCC. Watch dog will time out by (1/32768 )*2 * 256 = 15.616ms. If the prescaler assigns to
WDT, the time of time out will be more times depending on the ratio of prescaler.
0/1
disable/enable


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com