Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
23
2004/8/19
(V1.6)
770
1209
4
1
0100
770
1336
5
1
0101
770
1477
6
1
0110
852
1209
7
1
0111
852
1336
8
1
1000
852
1477
9
1
1001
941
1209
0
1
1010
941
1336
*
1
1011
941
1477
#
1
1100
697
1633
A
1
1101
770
1633
B
1
1110
852
1633
C
1
1111
941
1633
D
1
0000
Any
Any
Any
0
xxxx
(x:unknown)
Bit 4~Bit 5 : Unused
Bit 6 (STD) : Delayed steering output.
Presents a logic high when a received tone-pair has been registered and the output latch updated; returns to logic
low when the voltage on St/GT falls below V tst.
0/1
Data invalid/data valid
Be sure open main clock before using DTMF receiver circuit . A logic”0,0” applied to R5 page3 b4 and b3 will
shut down power of the device to minimize the power consumption in a standby mode. It stops functions of the filters.
In many situations not requiring independent selection of receive and pause, the simple steering circuit of is
applicable. Component values are chosen according to the following formulae:
t REC = t DP + t GTP
t ID = t DA + t GTA
The value of t DP is a parameter of the device and t REC is the minimum signal duration to be recognized by the
receiver. A value for C of 0.1 uF is recommended for most applications, leaving R to be selected by the designer. For
example, a suitable value of R for a t REC of 30mS would be 300k.
Different steering arrangements may be used to select independently the guard-times for tone-present (t GTP )
and tone-absent (t GTA ). This may be necessary to meet system specifications which place both accept and reject
limits on both tone duration and inter digital pause.
Guard-time adjustment also allows the designer to tailor system parameters such as talk off and noise immunity.
Increasing t REC improves talk-off performance, since it reduces the probability that tones simulated by speech will
maintain signal condition for long enough to be registered. On the other hand, a relatively short t REC with a long t DO
would be appropriate for extremely noisy environments where fast acquisition time and immunity to drop-outs would be
required.
VDD
ST/GT
EST
VDD
R
C
Fig.16
DTMF receiver delay time control


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com