Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
20
2004/8/19
(V1.6)
Bit 0
SPI module
SCK
Bit7
Salve Device
SPIR register
SDI
SPIW register
SPIS Reg
SDO
SDO
SCK
SDI
Master Device
R5 page1
Fig.13
Single SPI Master / Salve Communication
Bit 0 ~ Bit 2 (SBR0 ~ SBR2) : SPI baud rate selection bits
SBR2
SBR1
SBR0
Mode
Baud rate
0
0
0
Master
Fsco
0
0
1
Master
Fsco/2
0
1
0
Master
Fsco/4
0
1
1
Master
Fsco/8
1
0
0
Master
Fsco/16
1
0
1
Master
Fsco/32
1
1
0
Slave
1
1
1
X
<Note> Fsco = CPU instruction clock
For example :
If PLL enable and RA PAGE0 (Bit5,Bit4)=(1,1), instruction clock is 3.58MHz/2
Fsco=3.5862MHz/2
If PLL enable and RA PAGE0 (Bit5,Bit4)=(0,0), instruction clock is 0.895MHz/2
Fsco=0.895MHz/2
If PLL disable, instruction clock is 32.768kHz/2
Fsco=32.768kHz/2.
Bit 3 (SCES) : SPI clock edge selection bit
1
Data shifts out on falling edge, and shifts in on rising edge. Data is hold during the high level.
0
Data shifts out on rising edge, and shifts in on falling edge. Data is hold during the low level.
Bit 4 (SE) : SPI shift enable bit
1
Start to shift, and keep on 1 while the current byte is still being transmitted.
0
Reset as soon as the shifting is complete, and the next byte is ready to shift.
<Note> This bit has to be reset in software.
Bit 5 (SRO) : SPI read overflow bit
1
A new data is received while the previous data is still being hold in the SPIB register. In this situation, the
data in SPIS register will be destroyed. To avoid setting this bit, users had better to read SPIB register even
if the transmission is implemented only.
0
No overflow
<Note> This can only occur in slave mode.
Bit 6 (SPIE) : SPI enable bit
1
Enable SPI mode
0
Disable SPI mode
Bit 7 (RBF) : SPI read buffer full flag
1
Receive is finished, SPIB is full.
0
Receive is not finish yet, SPIB is empty.


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com