Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P813BQ Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM78P813BQ
Description  8-BIT OTP MICRO-CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813BQ Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM78P813BQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P813BQ Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
17
2004/8/19
(V1.6)
C1P2
C1P1
C1P0
COUNTER1
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 3 (CNT1S) : Counter1 clock source
0/1
16.384kHz/instruction clock
Bit 4~Bit 6(C2P0~C2P2) : Counter2 scaling. Prescaler is as different as Bit 0~Bit 2.
C2P2
C2P1
C2P0
COUNTER2
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 7 (CNT2S) : Counter2 clock source
0/1
16.384kHz/instruction clock
PAGE2 Counter 1 Low 8bit Data buffer
7
6
5
4
3
2
1
0
CN17
CN16
CN15
CN14
CN13
CN12
CN11
CN10
Bit 0~Bit 7(CN10~CN17) : Counter1's data buffer
User can switch Counter1 between 8 bits or 16 bits counter by setting Control register bit 4. When CNT1BS set
to 0, counter1 is a 8 bits up-counter with 8-bit prescaler that user can use R5 page2
to preset and read the counter.
( write = preset). Else counter1 will be a 16 bits up-counter with 8-bit prescaler and user can read or write the counter
through R5 page2 and R6 page2. After a interruption, it will reload the preset value.
Example: write:
MOV
0x05,A
; write the data at accumulator to counter1 (preset)
Example: read:
MOV
A,0x05
; read R5 data and write to accumulator
Example: write:
MOV
0x06,A
; write the data(high 8 bits) at accumulator to counter1
Example: read:
MOV
A,0x06
; read R6 data(high 8 bits) and write to accumulator
PAGE3 Current DA Control
7
6
5
4
3
2
1
0
X
X
X
X
CDAS
CDAL2
CDAL1
CDAL0
R-X
R-X
R-X
R-X
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 2 (DAL0 ~ DAL2) : change output level of current DA
CDAL2
CDAL1
CDAL0 Output level
0
0
0
L0 (ratio = 1/8)
0
0
1
L1 (ratio = 2/8)
0
1
0
L2 (ratio = 3/8)
0
1
1
L3 (ratio = 4/8)
1
0
0
L4 (ratio = 5/8)
1
0
1
L5 (ratio = 6/8)
1
1
0
L6 (ratio = 7/8)
1
1
1
L7 (ratio =1)


Similar Part No. - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P811 EMC-EM78P811 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P813BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
   8-Bit OTP Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com