Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP1189 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FP1189
Description  High Performance 쩍-Watt HFET(Heterostructure FET)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FP1189 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FP1189 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
Application Circuit: 870 – 960 MHz (FP1189-PCB900S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 125 mA, 25°
°°°C
Frequency
MHz
870
915
960
S21 – Gain
dB
20.9
20.6
19.8
S11 – Input Return Loss
dB
-10
-13
-10
S22 – Output Return Loss
dB
-5.2
-6.0
-7.6
Output P1dB
dBm
+27.5
+27.4
+27.5
Output IP3
(+12 dBm / tone, 1 MHz spacing)
dBm
+39.9
Noise Figure
dB
2.7
2.7
2.6
IS-95 Channel Power
@ -45 dBc ACPR
dBm
+21
RES
R=
ID=
10 Ohm
R2
IN D
L=
ID=
12 nH
L4
CAP
C=
ID=
3.9 pF
C13
IN D
L=
ID=
47 nH
L1
RES
R=
ID=
20 Ohm
R1
CAP
C=
ID=
68 pF
C1
CAP
C=
ID=
18 pF
C2
CAP
C=
ID=
68 p F
C3
CAP
C=
ID=
100 0 p F
C4
CAP
C=
ID=
DNP pF
C10
RES
R=
ID=
0 Ohm
L2
CAP
C=
ID=
DNP pF
C12
IN D
L=
ID=
47 nH
L3
CAP
C=
ID=
18 pF
C6
CAP
C=
ID=
68 pF
C7
CAP
C=
ID=
1000 pF
C8
CAP
C=
ID=
1e5 pF
C11
CAP
C=
ID=
DNP pF
C5
CAP
C=
ID =
68 pF
C9
1
2
SUBCKT
NET=
ID=
"FP1189"
Q1
POR T
Z=
P=
50 Ohm
1
POR T
Z=
P=
50 Ohm
2
-Vgg
Vds = 8 V @ 125 mA
14 mil GETEKTM ML200DSS (εr = 4.2)
The main microstrip line has a line impedance of 50 Ω.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C3, C7, C9
68 pF
Chip capacitor
0603
C2, C6
18 pF
Chip capacitor
0603
C4, C8
1000 pF
Chip capacitor
0603
C11
0.1
µF
Chip capacitor
1206
C13
3.9 pF
Chip capacitor
0603
L1, L3
47 nH
Multilayer chip inductor
0603
L2
0 Ω
Chip resistor
0603
L4
12 nH
Multilayer chip inductor
0603
R1
10 Ω
Chip resistor
0603
R2
20 Ω
Chip resistor
0603
Q1
FP1189
WJ 0.5W HFET
SOT-89
C5, C12, C10
Do Not Place


Similar Part No. - FP1189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
517Kb / 12P
1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
쩍-Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
517Kb / 12P
1/2 - Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
387Kb / 11P
쩍-Watt HFET
FP1189-PCB1900S WJCI-FP1189-PCB1900S Datasheet
517Kb / 12P
1/2 - Watt HFET
More results

Similar Description - FP1189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP2189 ETC-FP2189 Datasheet
451Kb / 6P
high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
AH103 ETC-AH103 Datasheet
103Kb / 1P
High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
2-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
1 - Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
2-Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
쩍-Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
1-Watt HFET
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor (GaAs HFET)
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
쩍 Watt High Linearity Amplifi er
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com