Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP1189 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP1189
Description  High Performance 쩍-Watt HFET(Heterostructure FET)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FP1189 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP1189 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
Typical Device Data
S-Parameters (VDS = +8 V, IDS = 125 mA, T = 25°C, calibrated to device leads)
0
1
2
3
4
5
6
Frequency (GHz)
S21, Maximum Stable Gain vs. Frequency
0
5
10
15
20
25
30
DB(|S[2,1]|)
DB(MSG)
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
S11
Swp Max
6GHz
Swp Min
0.05GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
S22
Swp Max
6GHz
Swp Min
0.05GHz
Note:
Measurements were made on the packaged device in a test fixture with 50 ohm input and output lines.
The S-parameters shown are the de-embedded data down to the device leads and represents typical performance of the device.
Freq (MHz)
S11 (mag)
S11 (ang)
S21 (mag)
S21 (ang)
S12 (mag)
S12 (ang)
S22 (mag)
S22 (ang)
Device S-parameters are available for download off of the website at: http://www.wj.com
1
2
3
4
5
6
1
2
3
4
5
6
50
1.000
-4.52
10.313
176.55
0.002
87.44
0.544
-3.02
250
0.988
-21.51
10.120
163.88
0.010
76.64
0.535
-13.77
500
0.959
-42.21
9.681
148.45
0.020
64.73
0.520
-27.13
750
0.933
-61.23
9.005
134.71
0.028
53.45
0.495
-39.31
1000
0.895
-78.75
8.270
122.08
0.035
44.25
0.469
-50.54
1250
0.860
-95.09
7.561
109.58
0.040
34.30
0.447
-60.96
1500
0.848
-109.61
7.028
99.15
0.044
26.69
0.428
-70.64
1750
0.821
-122.91
6.408
88.96
0.046
19.57
0.407
-79.82
2000
0.807
-135.32
5.950
79.64
0.048
13.93
0.400
-88.93
2250
0.796
-147.01
5.474
70.37
0.049
7.21
0.386
-97.59
2500
0.785
-157.00
5.087
62.43
0.050
2.99
0.374
-105.24
2750
0.780
-166.26
4.732
53.97
0.050
-1.58
0.376
-113.47
3000
0.775
-175.87
4.415
45.54
0.049
-6.79
0.369
-121.84
3250
0.766
175.78
4.082
38.18
0.049
-9.36
0.368
-129.77
3500
0.770
167.34
3.843
30.76
0.048
-12.48
0.372
-137.25
3750
0.771
159.87
3.602
23.91
0.050
-14.97
0.369
-144.61
4000
0.771
152.07
3.408
16.74
0.050
-17.53
0.374
-152.17
4250
0.771
145.63
3.241
9.15
0.048
-19.53
0.382
-161.00
4500
0.772
138.97
3.053
2.49
0.048
-21.27
0.387
-168.31
4750
0.770
132.07
2.876
-4.50
0.050
-23.00
0.396
-175.08
5000
0.780
126.56
2.743
-10.47
0.048
-25.08
0.408
177.65
5250
0.794
120.21
2.622
-17.28
0.049
-26.64
0.412
170.89
5500
0.795
114.22
2.507
-24.43
0.051
-30.44
0.423
162.41
5750
0.794
108.27
2.346
-31.21
0.052
-30.16
0.442
154.66
6000
0.798
102.86
2.237
-36.95
0.052
-31.18
0.446
147.41


Similar Part No. - FP1189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
387Kb / 11P
   쩍-Watt HFET
FP1189-PCB1900S WJCI-FP1189-PCB1900S Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results

Similar Description - FP1189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
List of Unclassifed Man...
FP2189 ETC-FP2189 Datasheet
451Kb / 6P
   high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com