Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP1189 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FP1189
Description  High Performance 쩍-Watt HFET(Heterostructure FET)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FP1189 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FP1189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 9Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
Outline Drawing
Land Pattern
Product Marking
The component will be marked with an “FP1189”
designator with a four- or five-digit alphanumeric lot
code on the top surface of the package. Tape and reel
specifications for this part is located on the website in
the “Application Notes” section.
ESD / MSL Information
ESD Classification: Class 1B
Value:
Passes at 800 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Classification: Class IV
Value:
Passes at 2000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 3
Standard:
JEDEC Standard J-STD-020A
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device. Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated
thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink. Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC
board in the region where the board contacts the
heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are
in degrees.


Similar Part No. - FP1189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
387Kb / 11P
   쩍-Watt HFET
FP1189-PCB1900S WJCI-FP1189-PCB1900S Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results

Similar Description - FP1189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
List of Unclassifed Man...
FP2189 ETC-FP2189 Datasheet
451Kb / 6P
   high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com