Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

557998 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 557998
Description  Quick coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

557998 Datasheet(HTML) 1 Page - Festo Corporation.

  557998 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick coupling
EAMD-19-15-10-8X10
Part number: 557998
Data sheet
Feature
Value
Diameter of holder 1
10 mm
Diameter of holder 2
8 mm
Size
19
Nominal length
15 mm
Mounting position
Any
Max. rotational speed
10000 1/min
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Ambient temperature
-25 °C ... 60 °C
Mass moment of inertia
0.445 kgmm²
Transferable torque
2 Nm
Product weight
13 g
Note on materials
RoHS-compliant
2/17/23 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 557998

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
557990 FESTO-557990 Datasheet
66Kb / 1P
   Axial kit
1/10/23
557991 FESTO-557991 Datasheet
68Kb / 1P
   Axial kit
1/10/23
557992 FESTO-557992 Datasheet
67Kb / 1P
   Axial kit
1/10/23
557993 FESTO-557993 Datasheet
61Kb / 1P
   Axial kit
1/10/23
557996 FESTO-557996 Datasheet
65Kb / 1P
   Axial kit
1/10/23
More results

Similar Description - 557998

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
   Quick coupling
7/21/22
1453062 FESTO-1453062 Datasheet
91Kb / 1P
   Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
   Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
   Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
   Quick coupling
558001 FESTO-558001 Datasheet
84Kb / 1P
   Quick coupling
543419 FESTO-543419 Datasheet
85Kb / 1P
   Quick coupling
1/26/23
543423 FESTO-543423 Datasheet
82Kb / 1P
   Quick coupling
1/26/23
2310372 FESTO-2310372 Datasheet
81Kb / 1P
   Quick coupling
3717812 FESTO-3717812 Datasheet
77Kb / 1P
   Quick coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com