Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT16543 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVT16543
Description  2.5V/3.3V ALVT 16-bit registered transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16543
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Feb 13
9
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V "0.2V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
1.0
1.0
1.8
2.7
5.1
4.5
ns
tPLH
tPHL
Propagation delay
nLEBA to nAx, nLEAB to nBx
1
2
1.5
1.5
3.9
3.6
6.4
5.9
ns
tPZH
tPZL
Output enable time
nOEBA to nAx, nOEAB to nBx
4
5
1.5
1.5
4.0
2.7
6.5
4.6
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx, nOEAB to nBx
4
5
1.5
1.5
3.7
2.6
5.6
4.0
ns
tPZH
tPZL
Output enable time
nEBA to nAx, nEAB to nBx
4
5
1.5
1.5
4.2
2.8
7.0
5.0
ns
tPHZ
tPLZ
Output disable time
nEBA to nAx, nEAB to nBx
4
5
1.5
1.5
3.6
2.4
5.6
3.9
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time
nAx to nLEAB, nBx to nLEBA
3
0
1.0
–0.9
0.2
ns
th(H)
th(L)
Hold time
nAx to nLEAB, nBx to nLEBA
3
0.8
1.7
–0.2
1.0
ns
ts(H)
ts(L)
Setup time
nAx to nEAB, nBx to nEBA
3
0
1.5
–1.0
0.4
ns
th(H)
th(L)
Hold time
nAx to nEAB, nBx to nEBA
3
0.5
2.0
–0.2
1.3
ns
tW(L)
Latch enable pulse width, Low
3
1.5
ns
AC WAVEFORMS
For all waveforms VM = 1.5V or VCC / 2, whichever is less.
VM
VM
VIN
VM
tPHL
tPLH
VM
VOUT
0V
VOH
VOL
SW00185
3.0V or VCC
whichever
is less
Waveform 1. Propagation Delay For Inverting Output
VM
VM
VM
tPLH
tPHL
VM
VIN
VOUT
0V
VOH
VOL
SW00186
3.0V or VCC
whichever
is less
Waveform 2. Propagation Delay For Non-Inverting Output


Similar Part No. - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Similar Description - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
   2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com