Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT16543 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16543
Description  2.5V/3.3V ALVT 16-bit registered transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16543 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16543
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Feb 13
8
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
0.5
0.5
1.6
1.8
2.5
3.0
ns
tPLH
tPHL
Propagation delay
nLEBA to nAx, nLEAB to nBx
1
2
1.0
1.0
2.4
2.4
4.0
4.0
ns
tPZH
tPZL
Output enable time
nOEBA to nAx, nOEAB to nBx
4
5
1.0
1.0
2.3
1.8
4.0
3.1
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx, nOEAB to nBx
4
5
1.0
1.0
3.1
2.7
4.7
4.0
ns
tPZH
tPZL
Output enable time
nEBA to nAx, nEAB to nBx
4
5
1.0
1.0
2.5
1.9
4.2
3.1
ns
tPHZ
tPLZ
Output disable time
nEBA to nAx, nEAB to nBx
4
5
1.0
1.0
2.9
2.4
4.5
3.8
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time
nAx to nLEAB, nBx to nLEBA
3
0.0
0.7
–0.8
–0.3
ns
th(H)
th(L)
Hold time
nAx to nLEAB, nBx to nLEBA
3
1.5
1.5
0.4
0.8
ns
ts(H)
ts(L)
Setup time
nAx to nEAB, nBx to nEBA
3
0.5
1.1
–0.8
–0.2
ns
th(H)
th(L)
Hold time
nAx to nEAB, nBx to nEBA
3
1.2
2.0
0.3
1.1
ns
tW(L)
Latch enable pulse width, Low
3
1.5
ns


Similar Part No. - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Similar Description - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
   2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com