Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT16543 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVT16543
Description  2.5V/3.3V ALVT 16-bit registered transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16543 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16543
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Feb 13
6
DC ELECTRICAL CHARACTERISTICS (3.3V
"0.3V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 3.0V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 3.0 to 3.6V; IOH = –100µA
VCC–0.2
VCC
V
VOH
High-level out ut voltage
VCC = 3.0V; IOH = –32mA
2.0
2.3
V
VCC = 3.0V; IOL = 100µA
0.07
0.2
VOL
Low–level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VOL
Low–level out ut voltage
VCC = 3.0V; IOL = 32mA
0.3
0.5
V
VCC = 3.0V; IOL = 64mA
0.4
0.55
VRST
Power-up output low voltage6
VCC = 3.6V; IO = 1mA; VI = VCC or GND
0.55
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
II
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
0.1
10
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.5
1
µA
VCC = 3.6V; VI = 0V
Data ins4
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
Bus Hold current
VCC = 3V; VI = 0.8V
75
130
IHOLD
Bus Hold current
Data inputs7
VCC = 3V; VI = 2.0V
–75
–140
µA
Data inputs7
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
40
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.1
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3.6
5
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.07
0.1
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
7. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Similar Description - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
   2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com