Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT162245 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT162245
Description  2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162245 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 9Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162245
2.5V/3.3V ALVT 16-bit transceiver with
30
W termination resistors (3-State)
yyyy mmm dd
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-03648
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - 74ALVT162245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
   16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
74ALVT162245DGG NEXPERIA-74ALVT162245DGG Datasheet
232Kb / 13P
   16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
More results

Similar Description - 74ALVT162245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com