Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT162244 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT162244
Description  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162244 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT162244 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 9Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162244
2.5V/3.3V 16-bit buffer/driver with
30
W termination resistors (3-State)
yyyy mmm dd
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-04707
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - 74ALVT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com