Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT162244 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT162244
Description  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162244 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT162244 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74ALVT162244
2.5V/3.3V 16-bit buffer/driver with 30
W
termination resistors (3-State)
Product specification
Supersedes data of 1998 Feb 13
IC23 Data Handbook
1998 Oct 07
INTEGRATED CIRCUITS


Similar Part No. - 74ALVT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com