Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT162244 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVT162244
Description  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162244 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT162244 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162244
2.5V/3.3V 16-bit buffer/driver with
30
Ω termination resistors (3-State)
1998 Oct 07
4
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
-0.5 to +4.6
V
IIK
DC input diode current
VI < 0
-50
mA
VI
DC input voltage3
-0.5 to +7.0
V
IOK
DC output diode current
VO < 0
-50
mA
VOUT
DC output voltage3
Output in Off or High state
-0.5 to +7.0
V
IO
DC output current
Output in Low state
128
mA
IOUT
DC output current
Output in High state
-64
mA
Tstg
Storage temperature range
-65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
2.5V RANGE LIMITS
3.3V RANGE LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
VCC
DC supply voltage
2.3
2.7
3.0
3.6
V
VI
Input voltage
0
5.5
0
5.5
V
VIH
High-level input voltage
1.7
2.0
V
VIL
Input voltage
0.7
0.8
V
IOH
High-level output current
–8
–12
mA
IOL
Low-level output current
12
12
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
–40
+85
°C


Similar Part No. - 74ALVT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com