Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 18Page - Renesas Technology Corp HN58X2508I Datasheet HTML 19Page - Renesas Technology Corp HN58X2508I Datasheet HTML 20Page - Renesas Technology Corp HN58X2508I Datasheet HTML 21Page - Renesas Technology Corp HN58X2508I Datasheet HTML 22Page - Renesas Technology Corp HN58X2508I Datasheet HTML 23Page - Renesas Technology Corp HN58X2508I Datasheet HTML 24Page - Renesas Technology Corp HN58X2508I Datasheet HTML 25Page - Renesas Technology Corp HN58X2508I Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 22 of 27
Data Protect
The protection features of the device are summarized in the following table. When the Status Register Write
Disable (SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status
Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN)
instruction, regardless weather write protect (
W) is driven high or low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be
considered, depending on the state of write protect (
W):
If write protect (
W) is driven high, it is possible to write to the Status Register provided that the
Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction.
If write protect (
W) is driven low, it is not possible to write to the Status Register even if the
Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction.
(Attempts to write to the Status Register are rejected, and are not accepted for execution). As a
consequence, all the data bytes in the memory area that are software protected (SPM) by the Block
Protect (BP1, BP0) bits of the Status Register, are also hardware protected against data modification.
Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be entered:
By setting the Status Register Write Disable (SRWD) bit after driving write protect (
W) low.
By driving write protect (
W) low after setting the Status Register Write Disable (SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull write protect (
W) high.
If write protect (
W) is permanently tied high, the Hardware Protected Mode (HPM) can never be activated,
and only the Software Protected Mode (SPM), using the Block Protect (BP1, BP0) bits of the Status Register,
can be used.
Write Protected Block Size
Status register bits
Array addresses protected
BP1
BP0
Protected blocks
HN58X2516I
HN58X2508I
0
0
None
None
None
0
1
Upper quarter
600h
− 7FFh
300h
− 3FFh
1
0
Upper half
400h
− 7FFh
200h
− 3FFh
1
1
Whole memory
000h
− 7FFh
000h
− 3FFh


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com