Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 16Page - Renesas Technology Corp HN58X2508I Datasheet HTML 17Page - Renesas Technology Corp HN58X2508I Datasheet HTML 18Page - Renesas Technology Corp HN58X2508I Datasheet HTML 19Page - Renesas Technology Corp HN58X2508I Datasheet HTML 20Page - Renesas Technology Corp HN58X2508I Datasheet HTML 21Page - Renesas Technology Corp HN58X2508I Datasheet HTML 22Page - Renesas Technology Corp HN58X2508I Datasheet HTML 23Page - Renesas Technology Corp HN58X2508I Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 20 of 27
Write to Memory Array (WRITE):
As shown in the following figure, to send this instruction to the device, chip select (
S) is first driven low.
The bits of the instruction byte, address byte, and at least one data byte are then shifted in, on serial data input
(D).
The instruction is terminated by driving chip select (
S) high at a byte boundary of the input data. In the case
of the following figure, this occurs after the eighth bit of the data byte has been latched in, indicating that the
instruction is being used to write a single byte. The self-timed Write cycle starts, and continues for a period
tWC (as specified in AC Characteristics). At the end of the cycle, the Write In Progress (WIP) bit is reset to 0.
If, though, chip select (
S) continues to be driven low, as shown in the following figure, the next byte of the
input data is shifted in, so that more than a single byte, starting from the given address towards the end of the
same page, can be written in a single internal Write cycle.
Each time a new data byte is shifted in, the least significant bits of the internal address counter are
incremented. If the number of data bytes sent to the device exceeds the page boundary, the internal address
counter rolls over to the beginning of the page, and the previous data there are overwritten with the incoming
data. (The page size of these device is 32 bytes).
The instruction is not accepted, and is not executed, under the following conditions:
If the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
If a Write cycle is already in progress
If the addressed page is in the region protected by the Block Protect (BP1 and BP0) bits.
Byte Write (WRITE) Sequence (1 Byte)
S
W
C
D
Q
16-Bit Address
Data Byte 1
01
2
3
4
5
6
7
0
1
2
3
13
14
15
8
9
10
20
21 22 23 24 25 26 27 28 29 30
31
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
4
5
6
7
0
1
2
3
Instruction
Note:
1. Depending on the memory size, as shown in Address Range Bits table, the most significant address
bits are don’t care.


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com