Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 15Page - Renesas Technology Corp HN58X2508I Datasheet HTML 16Page - Renesas Technology Corp HN58X2508I Datasheet HTML 17Page - Renesas Technology Corp HN58X2508I Datasheet HTML 18Page - Renesas Technology Corp HN58X2508I Datasheet HTML 19Page - Renesas Technology Corp HN58X2508I Datasheet HTML 20Page - Renesas Technology Corp HN58X2508I Datasheet HTML 21Page - Renesas Technology Corp HN58X2508I Datasheet HTML 22Page - Renesas Technology Corp HN58X2508I Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 19 of 27
Read from Memory Array (READ):
As shown in the following figure, to send this instruction to the device, chip select (
S) is first driven low.
The bits of the instruction byte and the address bytes are then shifted in, on serial data input (D). The
addresses are loaded into an internal address register, and the byte of data at that address is shifted out, on
serial data output (Q).
If chip select (
S) continues to be driven low, the internal address register is automatically incremented, and
the byte of data at the new address is shifted out.
When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be
continued indefinitely. The whole memory can, therefore, be read with a single READ instruction.
The Read cycle is terminated by driving chip select (
S) high. The rising edge of the chip select (S) signal can
occur at any time during the cycle. The addressed first byte can be any byte within any page. The instruction
is not accepted, and is not executed, if a Write cycle is currently in progress.
Read from Memory Array (READ) Sequence
S
W
C
D
Q
16-Bit Address
Data Out 2
Data Out 1
01
2
3
4
5
6
7
A0
A1
A2
A3
A13
A14
A15
8
9
10
20
21 22 23 24 25 26 27 28 29 30 31
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
0
1
2
3
4
5
6
77
Instruction
Note:
1. Depending on the memory size, as shown in the following table, the most significant address bits
are don’t care.
Address Range Bits
Device
HN58X2516I
HN58X2508I
Address bits
A10 to A0
A9 to A0
Notes: 1. b15-b11 are don’t care on the HN58X2516
2. b15-b10 are don’t care on the HN58X2508


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com