Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 13Page - Renesas Technology Corp HN58X2508I Datasheet HTML 14Page - Renesas Technology Corp HN58X2508I Datasheet HTML 15Page - Renesas Technology Corp HN58X2508I Datasheet HTML 16Page - Renesas Technology Corp HN58X2508I Datasheet HTML 17Page - Renesas Technology Corp HN58X2508I Datasheet HTML 18Page - Renesas Technology Corp HN58X2508I Datasheet HTML 19Page - Renesas Technology Corp HN58X2508I Datasheet HTML 20Page - Renesas Technology Corp HN58X2508I Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 17 of 27
SRWD bit: The Status Register Write Disable (SRWD) bit is operated in conjunction with the write protect
(
W) signal. The Status Register Write Disable (SRWD) bit and write protect (W) signal allows the device to
be put in the Hardware Protected mode (When the Status Register Write Disable (SRWD) bit is set to 1, and
write protect (
W) signal is driven low). In this mode, the non-volatile bits of the Status Register (SRWD,
BP1, BP0) become read-only bits and the Write Status Register (WRSR) instruction is no longer accepted for
execution.
Write Status Register (WRSR):
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register. Before
it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded and executed, the device sets the Write Enable Latch(WEL).
The instruction sequence is shown in the following figure. The Write Status Register (WRSR) instruction has
no effect on b6, b5, b4, b1 and b0 of the Status Register. b6, b5 and b4 are always read as 0. Chip select (
S)
must be driven high after the rising edge of serial clock (C) that latches in the eighth bit of the data byte, and
before the next rising edge of serial clock (C). Otherwise, the Write Status Register (WRSR) instruction is
not executed. As soon as chip select (
S) is driven high, the self-timed Write Status Register cycle (whose
duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may still
be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during
the self-timed Write Status Register cycle, and is 0 when it is completed. When the cycle is completed, Write
Enable Latch(WEL) is reset. The Write Status Register (WRSR) instruction allows the user to change the
values of the Block Protect (BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as
defined in the Status Register Format table.
The Write Status Register (WRSR) instruction also allows the user to set or reset the Status Register Write
Disable (SRWD) bit in accordance with the write protect (
W) signal. The Status Register Write Disable
(SRWD) bit and write protect (
W) signal allows the device to be put in the Hardware Protected Mode (HPM).
The Write Status Register (WRSR) instruction is not executed once the Hardware Protected Mode (HPM) is
entered.
The contents of the Status Register Write Disable (SRWD) and Block Protect (BP1, BP0) bits are frozen at
their current values just before the start of the execution of the Write Status Register (WRSR) instruction.
The new, updated values take effect at the moment of completion of the execution of Write Status Register
(WRSR) instruction.


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com