Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 12Page - Renesas Technology Corp HN58X2508I Datasheet HTML 13Page - Renesas Technology Corp HN58X2508I Datasheet HTML 14Page - Renesas Technology Corp HN58X2508I Datasheet HTML 15Page - Renesas Technology Corp HN58X2508I Datasheet HTML 16Page - Renesas Technology Corp HN58X2508I Datasheet HTML 17Page - Renesas Technology Corp HN58X2508I Datasheet HTML 18Page - Renesas Technology Corp HN58X2508I Datasheet HTML 19Page - Renesas Technology Corp HN58X2508I Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 16 of 27
Read Status Register(RDSR):
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register may
be read at any time, even while a Write or Write Status Register cycle is in progress. When one of these
cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending a new
instruction to the device. It is also possible to read the Status Register continuously, as shown in the
following figure.
Read Status Register (RDSR) Sequence
S
W
C
D
Q
Status Register Out
01
2
3
4
5
6
7
0
1
2
3
4
5
6
77
8
9
10
11 12
13 14
15
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
The status and control bits of the Status Register are as follows:
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status
Register cycle. When set to 1, such a cycle is in progress. When reset to 0, no such cycles are in progress.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When
set to 1, the internal Write Enable Latch is set. When set to 0, the internal Write Enable Latch is reset and no
Write or Write Status Register instructions are accepted.
BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Write instructions. These bits are written with the Write Status Register (WRSR)
instruction. When one or both of the Block Protect (BP1, BP0) bits are set to 1, the relevant memory area (as
defined in the Status Register Format table) becomes protected against Write (WRITE) instructions. The
Block Protect (BP1, BP0) bits can be written provided that the Hardware Protected mode has not been set.


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com