Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 9Page - Renesas Technology Corp HN58X2508I Datasheet HTML 10Page - Renesas Technology Corp HN58X2508I Datasheet HTML 11Page - Renesas Technology Corp HN58X2508I Datasheet HTML 12Page - Renesas Technology Corp HN58X2508I Datasheet HTML 13Page - Renesas Technology Corp HN58X2508I Datasheet HTML 14Page - Renesas Technology Corp HN58X2508I Datasheet HTML 15Page - Renesas Technology Corp HN58X2508I Datasheet HTML 16Page - Renesas Technology Corp HN58X2508I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 13 of 27
Functional Description
Status Register
The following figure shows the Status Register Format. The Status Register contains a number of status and
control bits that can be read or set (as appropriate) by specific instructions.
Status Register Format
SRWD
0
0
0
BP1
BP0
WEL
WIP
b7
Status Register Write Disable
Block Protect Bits
Write Enable Latch Bits
Write In Progress Bits
b0
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status
Register cycle.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Write instructions.
SRWD bit: The Status Register Write Disable (SRWD) bit is operated in conjunction with the write protect
(
W) signal. The Status Register Write Disable (SRWD) bit and write protect (W) signal allow the device to
be put in the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register (SRWD,
BP1, BP0) become read-only bits.
Instructions
Each instruction starts with a single-byte code, as summarized in the following table . If an invalid
instruction is sent (one not contained in the following table), the device automatically deselects itself.


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com