Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 8Page - Renesas Technology Corp HN58X2508I Datasheet HTML 9Page - Renesas Technology Corp HN58X2508I Datasheet HTML 10Page - Renesas Technology Corp HN58X2508I Datasheet HTML 11Page - Renesas Technology Corp HN58X2508I Datasheet HTML 12Page - Renesas Technology Corp HN58X2508I Datasheet HTML 13Page - Renesas Technology Corp HN58X2508I Datasheet HTML 14Page - Renesas Technology Corp HN58X2508I Datasheet HTML 15Page - Renesas Technology Corp HN58X2508I Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 12 of 27
Pin Function
Serial data output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of
serial clock (C).
Serial data input (D)
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and the
data to be written. Values are latched on the rising edge of serial clock (C).
Serial clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data present at serial
data input (D) are latched on the rising edge of serial clock (C). Data on serial data output (Q) changes after
the falling edge of serial clock (C).
Chip select (
S)
When this input signal is high, the device is deselected and serial data output (Q) is at high impedance.
Unless an internal write cycle is in progress, the device will be in the standby mode. Driving chip select (
S)
low enables the device, placing it in the active power mode. After power-up, a falling edge on chip select (
S)
is required prior to the start of any instruction.
Hold (
HOLD)
The hold (
HOLD) signal is used to pause any serial communications with the device without deselecting the
device. During the hold condition, the serial data output (Q) is high impedance, and serial data input (D) and
serial clock (C) are don’t care. To start the hold condition, the device must be selected, with chip select (
S)
driven low.
Write protect (
W)
The main purpose of this input signal is to freeze the size of the area of memory that is protected against write
instructions (as specified by the values in the BP1 and BP0 bits of the status register). This pin must be
driven either high or low, and must be stable during all write operations.


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com