Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508I Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Electrically Erasable and Programmable Read Only Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HN58X2508I Datasheet HTML 4Page - Renesas Technology Corp HN58X2508I Datasheet HTML 5Page - Renesas Technology Corp HN58X2508I Datasheet HTML 6Page - Renesas Technology Corp HN58X2508I Datasheet HTML 7Page - Renesas Technology Corp HN58X2508I Datasheet HTML 8Page - Renesas Technology Corp HN58X2508I Datasheet HTML 9Page - Renesas Technology Corp HN58X2508I Datasheet HTML 10Page - Renesas Technology Corp HN58X2508I Datasheet HTML 11Page - Renesas Technology Corp HN58X2508I Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
HN58X2508I/HN58X2516I
Rev.2.00, Aug.19.2004, page 8 of 27
(Ta =
−40 to +85°C, V
CC = 2.5 V to 5.5 V)
Parameter
Symbol
Alt
Min
Max
Unit
Notes
Clock frequency
fC
fSCK
5
MHz
S active setup time
tSLCH
tCSS1
90
ns
S not active setup time
tSHCH
tCSS2
90
ns
S deselect time
tSHSL
tCS
90
ns
S active hold time
tCHSH
tCSH
90
ns
S not active hold time
tCHSL
90
ns
Clock high time
tCH
tCLH
90
ns
1
Clock low time
tCL
tCLL
90
ns
1
Clock rise time
tCLCH
tRC
1
µs
2
Clock fall time
tCHCL
tFC
1
µs
2
Data in setup time
tDVCH
tDSU
20
ns
Data in hold time
tCHDX
tDH
30
ns
Clock low hold time after
HOLD not
active
tHHCH
70
ns
Clock low hold time after
HOLD active t
HLCH
40
ns
Clock high setup time before
HOLD
active
tCHHL
60
ns
Clock high setup time before
HOLD not
active
tCHHH
60
ns
Output disable time
tSHQZ
tDIS
100
ns
2
Clock low to output valid
tCLQV
tV
70
ns
Output hold time
tCLQX
tHO
0
ns
Output rise time
tQLQH
tRO
50
ns
2
Output fall time
tQHQL
tFO
50
ns
2
HOLD high to output low-Z
tHHQX
tLZ
50
ns
2
HOLD low to output high-Z
tHLQZ
tHZ
100
ns
2
Write time
tW
tWC
5
ms
Notes: 1. tCH
+ tCL ≥ 1/fC
2. Value guaranteed by characterization, not 100
% tested in production.


Similar Part No. - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com