Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSP030SLACSE39 Datasheet(PDF) 1 Page - Schneider Electric

Part # SSP030SLACSE39
Description  Video/Security/Fire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP030SLACSE39 Datasheet(HTML) 1 Page - Schneider Electric

  SSP030SLACSE39 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Specifications
Surge protection device, Surgelogic,
SLACSE, 15A, 120V, 39kA, surface
mount, hybrid
SSP030SLACSE39
Main
Product
Surge protection device
Complementary
Surge Current
39 kA
10 kA signal
Voltage Rating
30 V DC
Service Voltage
120 V
Rated Current
15 A
Device Mounting
Surface
Height
0.70 in (17.78 mm)
Width
0.70 in (17.78 mm)
Depth
0.30 in (7.62 mm)
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
0.71 in (1.8 cm)
Package 1 Width
0.71 in (1.8 cm)
Package 1 Length
0.31 in (0.8 cm)
Package 1 Weight
63.50 lb(US) (28.803 kg)
Recommended replacement(s)
 
12-Feb-2023
1


Similar Part No. - SSP030SLACSE39

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
   Video/Security/Fire
12-Feb-2023
More results

Similar Description - SSP030SLACSE39

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
   Video/Security/Fire
12-Feb-2023
SSP057POESE10 SCHNEIDER-SSP057POESE10 Datasheet
74Kb / 2P
   Video/Security/Fire
12-Feb-2023
SSP057POESE10IG SCHNEIDER-SSP057POESE10IG Datasheet
75Kb / 2P
   Video/Security/Fire
12-Feb-2023
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-240 MEANWELL-LAD-240 Datasheet
1Mb / 7P
   240W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
LAD-360 MEANWELL-LAD-360 Datasheet
1Mb / 12P
   360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Renesas Technology Corp
TW2802 RENESAS-TW2802 Datasheet
2Mb / 81P
   Multiple Video Decoder for Security Applications
May 19, 2017
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
   Composite Data, Audio, Video, Security and Control
05-05-2023
logo
Renesas Technology Corp
TW2816 RENESAS-TW2816 Datasheet
2Mb / 65P
   4-Channel Video Decoders for Security Applications
May 19, 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com