Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSP030DRSE10 Datasheet(PDF) 1 Page - Schneider Electric

Part # SSP030DRSE10
Description  Video/Security/Fire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP030DRSE10 Datasheet(HTML) 1 Page - Schneider Electric

  SSP030DRSE10 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Specifications
Surge protection device, Surgelogic,
DRSE, 0.15A, 30VDC, 10kA, DIN
rail mount
SSP030DRSE10
Main
Product
Surge protection device
Complementary
Clamping Voltage
36 V DC
Surge Current
10 kA
Voltage Rating
30 V DC
Rated Current
0.15 A
Device Mounting
DIN rail
Height
2.25 in (57.2 mm)
Width
0.80 in (20.3 mm)
Depth
1.10 in (27.9 mm)
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
2.24 in (5.7 cm)
Package 1 Width
0.79 in (2 cm)
Package 1 Length
1.10 in (2.8 cm)
Package 1 Weight
63.50 lb(US) (28.803 kg)
Recommended replacement(s)
 
12-Feb-2023
1


Similar Part No. - SSP030DRSE10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP030SLACSE39 SCHNEIDER-SSP030SLACSE39 Datasheet
89Kb / 1P
   Video/Security/Fire
12-Feb-2023
More results

Similar Description - SSP030DRSE10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP030SLACSE39 SCHNEIDER-SSP030SLACSE39 Datasheet
89Kb / 1P
   Video/Security/Fire
12-Feb-2023
SSP057POESE10 SCHNEIDER-SSP057POESE10 Datasheet
74Kb / 2P
   Video/Security/Fire
12-Feb-2023
SSP057POESE10IG SCHNEIDER-SSP057POESE10IG Datasheet
75Kb / 2P
   Video/Security/Fire
12-Feb-2023
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
   120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-240 MEANWELL-LAD-240 Datasheet
1Mb / 7P
   240W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
LAD-360 MEANWELL-LAD-360 Datasheet
1Mb / 12P
   360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Renesas Technology Corp
TW2802 RENESAS-TW2802 Datasheet
2Mb / 81P
   Multiple Video Decoder for Security Applications
May 19, 2017
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
   Composite Data, Audio, Video, Security and Control
05-05-2023
logo
Renesas Technology Corp
TW2816 RENESAS-TW2816 Datasheet
2Mb / 65P
   4-Channel Video Decoders for Security Applications
May 19, 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com