Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8881N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8881N
Description  Vacuum Fluorescent Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8881N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8881N Datasheet HTML 1Page - National Semiconductor (TI) DS8881N Datasheet HTML 2Page - National Semiconductor (TI) DS8881N Datasheet HTML 3Page - National Semiconductor (TI) DS8881N Datasheet HTML 4Page - National Semiconductor (TI) DS8881N Datasheet HTML 5Page - National Semiconductor (TI) DS8881N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics TA e 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0
Propagation Delay to a Logical ‘‘0’’
1
m
s
from Enable Input to Digit Output
tpd0
Propagation Delay to a Logical ‘‘0’’
1
m
s
A B C D to Digit Output
RL e 47 kX CL e 50 pF VBB eb23V VSS e 8V
tpd1
Propagation Delay to a Logical ‘‘1’’
300
ns
from Enable Input to Digit Output
tpd1
Propagation Delay to a Logical ‘‘1’’
500
ns
from A B C D to Digit Output
tFALL
Oscillator Output Transition Time
VSS e 95V RL e 6k to VSS CL e 25 pF
50
ns
from1to0
fOSC
Oscillator Frequency
7V k VSS k 95V RT e 27 kX g2% RL e 13k
320
360
400
kHz
dc
Oscillator Duty Cycle
CT e 100 pF g5% CL e 50 pF
46
56
66
%
AC Test Circuit
TLF5846 – 2
3


Similar Part No. - DS8881N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8880 TI1-DS8880 Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880J NSC-DS8880J Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880J TI1-DS8880J Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880N NSC-DS8880N Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880N TI1-DS8880N Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
More results

Similar Description - DS8881N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com